Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS421
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421 Datasheet(HTML) 5 Page - STMicroelectronics

  TS421 Datasheet HTML 1Page - STMicroelectronics TS421 Datasheet HTML 2Page - STMicroelectronics TS421 Datasheet HTML 3Page - STMicroelectronics TS421 Datasheet HTML 4Page - STMicroelectronics TS421 Datasheet HTML 5Page - STMicroelectronics TS421 Datasheet HTML 6Page - STMicroelectronics TS421 Datasheet HTML 7Page - STMicroelectronics TS421 Datasheet HTML 8Page - STMicroelectronics TS421 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TS419-TS421
5/32
ELECTRICAL CHARACTERISTICS
V
CC = +3.3V, GND = 0V, Tamb = 25°C (unless otherwise specified)
1)
1.
All electrical values are guaranted with correlation measurements at 2V and 5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.8
2.5
mA
ISTANDBY
Standby Current
No input signal, VSTANDBY=GND for TS421
No input signal, VSTANDBY=Vcc for TS419
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 16 or 32
Ω, Rfeed=20kΩ
525
mV
PO
Output Power
THD+N = 0.1% Max, F = 1kHz, RL = 32Ω
THD+N =
1% Max, F = 1kHz, RL = 32Ω
THD+N = 10% Max, F = 1kHz, RL = 32Ω
THD+N = 0.1% Max, F = 1kHz, RL = 16Ω
THD+N =
1% Max, F = 1kHz, RL = 16Ω
THD+N = 10% Max, F = 1kHz, RL = 16Ω
65
91
75
81
102
104
113
143
mW
THD + N
Total Harmonic Distortion + Noise (Av=2)
RL = 32Ω, Pout = 50mW, 20Hz ≤ F ≤ 20kHz
RL = 16Ω, Pout = 70mW, 20Hz ≤ F ≤ 20kHz
0.15
0.2
%
PSRR
Power Supply Rejection Ratio
inputs grounded, F = 1kHz
, Vripple = 200mVpp, Cb=1µF
50
56
dB
SNR
Signal-to-Noise Ratio (Weighted A, Av=2)
(RL = 32Ω, THD +N < 0.5%, 20Hz ≤ F ≤ 20kHz)
82
94
dB
Φ
M
Phase Margin at Unity Gain
RL = 16Ω, CL = 400pF
58
Degrees
GM
Gain Margin
RL = 16Ω, CL = 400pF
18
dB
GBP
Gain Bandwidth Product
RL = 16Ω
1.1
MHz
SR
Slew Rate
RL = 16Ω
0.4
V/
µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com