Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS421
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421 Datasheet(HTML) 1 Page - STMicroelectronics

  TS421 Datasheet HTML 1Page - STMicroelectronics TS421 Datasheet HTML 2Page - STMicroelectronics TS421 Datasheet HTML 3Page - STMicroelectronics TS421 Datasheet HTML 4Page - STMicroelectronics TS421 Datasheet HTML 5Page - STMicroelectronics TS421 Datasheet HTML 6Page - STMicroelectronics TS421 Datasheet HTML 7Page - STMicroelectronics TS421 Datasheet HTML 8Page - STMicroelectronics TS421 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1/32
s OPERATING FROM Vcc=2V to 5.5V
s STANDBY MODE ACTIVE HIGH (TS419) or
LOW (TS421)
s OUTPUT POWER into 16
Ω: 367mW @ 5V
with 10% THD+N max or 295mW @5V and
110mW @3.3V with 1% THD+N max.
s LOW CURRENT CONSUMPTION: 2.5mA max
s High Signal-to-Noise ratio: 95dB(A) at 5V
s PSRR: 56dB typ. at 1kHz, 46dB at 217Hz
s SHORT CIRCUIT LIMITATION
s ON/OFF click reduction circuitry
s Available in SO8, MiniSO8 & DFN 3x3
DESCRIPTION
The TS419/TS421 is a monaural audio power am-
plifier driving in BTL mode a 16 or 32
Ω earpiece or
receiver speaker. The main advantage of this con-
figuration is to get rid of bulky ouput capacitors.
Capable of descending to low voltages, it delivers
up to 220mW per channel (into 16
Ω loads) of con-
tinuous average power with 0.2% THD+N in the
audio bandwidth from a 5V power supply.
An externally controlled standby mode reduces
the supply current to 10nA (typ.). The TS419/
TS421 can be configured by external gain-setting
resistors or used in a fixed gain version.
APPLICATIONS
s 16/32 ohms earpiece or receiver speaker driver
s Mobile and cordless phones (analog / digital)
s PDAs & computers
s Portable appliances
ORDER CODE
MiniSO & DFN only available in Tape & Reel with T suffix.
SO is available in Tube (D) and in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part
Number
Temp.
Range:
I
Package
Gain
Marking
DS
Q
TS419
-40, +85°C
•
external
TS419I
TS421
•
external
TS421I
TS419
••
external
K19A
TS419-2
tba tba
x2/6dB
K19B
TS419-4
tba tba x4/12dB
K19C
TS419-8
tba tba x8/18dB
K19D
TS421
••
external
K21A
TS421-2
tba tba
x2/6dB
K21B
TS421-4
tba tba x4/12dB
K21C
TS421-8
tba tba x8/18dB
K21D
TS419IDT: SO8
TS419IST, TS419-xIST: MiniSO8
Standby
Bypass
V+
IN
VIN-
V2
OUT
GND
VCC
VOUT1
1
2
3
4
8
7
6
5
TS421IDT: SO8
TS421IST, TS421-xIST: MiniSO8
TS419IQT, TS419-xIQT: DFN8
TS421IQT, TS421-xIQT: DFN8
1
2
3
4
5
8
7
6
STANDBY
BYPASS
VIN+
Vcc
VOUT 1
GND
VIN-
VOUT 2
1
2
3
4
5
8
7
6
STANDBY
BYPASS
VIN+
Vcc
VOUT 1
GND
VIN-
VOUT 2
1
2
3
4
5
8
7
6
STANDBY
BYPASS
VIN+
Vcc
VOUT 1
GND
VIN-
VOUT 2
1
2
3
4
5
8
7
6
STANDBY
BYPASS
VIN+
Vcc
VOUT 1
GND
VIN-
VOUT 2
TS419
TS421
360mW MONO AMPLIFIER WITH STANDBY MODE
June 2003


Similar Part No. - TS421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS421 STMICROELECTRONICS-TS421 Datasheet
1Mb / 42P
360 mW mono amplifier with standby mode
22-Apr-2025
TS421IQT STMICROELECTRONICS-TS421IQT Datasheet
1Mb / 42P
360 mW mono amplifier with standby mode
22-Apr-2025
More results

Similar Description - TS421

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS486 STMICROELECTRONICS-TS486 Datasheet
1Mb / 31P
100mW STEREO HEADPHONE AMPLIFIER WITH STANDBY MODE
Jun-2003
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
logo
Unisonic Technologies
S486 UTC-S486 Datasheet
162Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
S486 UTC-S486_11 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Global Mixed-mode Techn...
G1442 GMT-G1442 Datasheet
848Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
G1445 GMT-G1445 Datasheet
477Kb / 1P
2.6W Mono Audio Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_15 Datasheet
266Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
logo
Unisonic Technologies
S486 UTC-S486_17 Datasheet
242Kb / 12P
DUAL 100mW AUDIO POWER AMPLIFIER WITH STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com