Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-5/PCBZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9522-5/PCBZ
Description  12 LVDS/24 CMOS Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-5/PCBZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9522-5/PCBZ Datasheet HTML 27Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 28Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 29Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 30Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 31Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 32Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 33Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 34Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
AD9522-5
Rev. 0 | Page 31 of 76
There are several configurable modes of reference switchover.
The switchover can be performed manually or automatically.
Manual switchover is performed either through Register 0x01C
or by using the REF_SEL pin. The automatic switchover occurs
when REF1 disappears. A switchover deglitch feature ensures that
the PLL does not receive rising edges that are far out of alignment
with the newly selected reference.
There are two automatic reference switchover modes (0x01C):
•
Prefer REF1. Switch from REF1 to REF2 when REF1
disappears. Return to REF1 from REF2 when REF1 returns.
•
Stay on REF2. Automatically switch to REF2 if REF1
disappears but do not switch back to REF1 if it reappears.
The reference can be set back to REF1 manually at an
appropriate time.
In automatic mode, REF1 is monitored by REF2. If REF1
disappears (two consecutive falling edges of REF2 without an
edge transition on REF1), REF1 is considered missing. On the
next subsequent rising edge of REF2, REF2 is used as the reference
clock to the PLL. If 0x01C[3] = 0b (default), when REF1 returns
(four rising edges of REF1 without two falling edges of REF2
between the REF1 edges), the PLL reference switches back to
REF1. If 0x01C[3] = 1b, the user can control when to switch back to
REF1. This is done by programming the part to manual reference
select mode (0x01C[4] = 0b) and by ensuring that the registers
and/or the REF_SEL pin are set to select the desired reference.
Automatic mode can be reenabled when REF1 is reselected.
Manual switchover requires a valid clock on the reference input
being switched to or that the deglitching feature be disabled
(0x01C[7]).
Reference Divider R
The reference inputs are routed to the reference divider, R. R (a 14-bit
counter) can be set to any value from 0 to 16,383 by writing to
0x011 and 0x012. (Both R = 0 and R = 1 give divide-by-1.) The
output of the R divider goes to one of the PFD inputs to be
compared with the VCO frequency divided by the N divider.
The frequency applied to the PFD must not exceed the maximum
allowable frequency.
The R divider has its own reset. The R divider can be reset using
the shared reset bit of the R, A, and B counters. It can also be
reset by a SYNC operation.
VCO/VCXO Feedback Divider N: P, A, B
The N divider is a combination of a prescaler (P) and two counters,
A and B. The total divider value is
N = (P × B) + A
where P can be 2, 4, 8, 16, or 32.
Prescaler
The prescaler of the AD9522 allows for two modes of operation:
a fixed divide (FD) mode of 1, 2, or 3, and a dual modulus (DM)
mode where the prescaler divides by P and (P + 1) {2 and 3, 4
and 5, 8 and 9, 16 and 17, or 32 and 33}. The prescaler modes of
operation are given in Table 47, 0x016[2:0]. Not all modes are
available at all frequencies (see Table 2).
When operating the AD9522 in dual modulus mode, P/(P + 1),
the equation used to relate the input reference frequency to the
VCO output frequency is
fVCO = (fREF/R) × (P × B + A) = fREF × N/R
However, when operating the prescaler in FD Mode 1,
FD Mode 2, or FD Mode 3, the A counter is not used (A = 0)
and the equation simplifies to
fVCO = (fREF/R) × (P × B) = fREF × N/R
When A = 0, the divide is a fixed divide of P = 2, 4, 8, 16, or 32.
By using combinations of DM and FD modes, the AD9522 can
achieve values of N from 1 to 262,175.
Table 25 shows how a 10 MHz reference input can be locked to
any integer multiple of N.
Note that the same value of N can be derived in different ways,
as illustrated by the case of N = 12. The user can choose a fixed
divide mode P = 2 with B = 6, use the dual modulus mode 2/3 with
A = 0, B = 6, or use the dual modulus mode 4/5 with A = 0, B = 3.
A and B Counters
The B counter must be ≥3 or bypassed and, unlike the R counter,
A = 0 is actually zero.
When the prescaler is in dual-modulus mode, the A counter
must be less than the B counter.
The maximum input frequency to the A/B counter is reflected
in the maximum prescaler output frequency (~300 MHz) specified
in Table 2. This is the prescaler input frequency (external VCO
or CLK) divided by P. For example, dual modulus P = 8/9 mode
is not allowed if the VCO frequency is greater than 2400 MHz
because the frequency going to the A/B counter is too high.
When the AD9522 B counter is bypassed (B = 1), the A counter
should be set to zero, and the overall resulting divide is equal to
the prescaler setting, P. The possible divide ratios in this mode
are 1, 2, 3, 4, 8, 16, and 32.
Although manual reset is not normally required, the A/B counters
have their own reset bit. Alternatively, the A and B counters can be
reset using the shared reset bit of the R, A, and B counters. Note
that these reset bits are not self-clearing.
R, A, and B Counters: SYNC Pin Reset
The R, A, and B counters can be reset simultaneously through the
SYNC pin. This function is controlled by 0x019[7:6] (see
).
The
Table 47
SYNC pin reset is disabled by default.
R and N Divider Delays
Both the R and N dividers feature a programmable delay cell.
These delays can be enabled to allow adjustment of the phase
relationship between the PLL reference clock and the CLK
input. Each delay is controlled by three bits. The total delay
range is about 1 ns. See 0x019 in Table 2 and Table 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com