Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9522-5/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9522-5/PCBZ
Description  12 LVDS/24 CMOS Output Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-5/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9522-5/PCBZ Datasheet HTML 16Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 17Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 18Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 19Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 20Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 21Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 22Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 23Page - Analog Devices AD9522-5/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
AD9522-5
Rev. 0 | Page 20 of 76
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
10k
1k
100
RESISTIVE LOAD (Ω)
VS_DRV = 3.135V
VS_DRV = 2.35V
VS_DRV = 3.3V
VS_DRV = 2.5V
Figure 12. CMOS Output VOH (Static) vs. RLOAD (to Ground)
0.4
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
01
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TIME (ns)
5
Figure 13. LVDS Output (Differential) @ 100 MHz,
Output Terminated 100 Ω Across Differential Pair
0.4
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
03
2.5
2.0
1.5
1.0
0.5
TIME (ns)
.0
Figure 14. LVDS Differential Voltage Swing @ 800 MHz,
Output Terminated 100 Ω Across Differential Pair
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
08
60
100
40
20
70
50
90
30
10
TIME (ns)
0
Figure 15. CMOS Output with 10 pF Load @ 25 MHz
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
01
9
8
7
6
5
4
3
2
1
TIME (ns)
0
2pF LOAD
10pF
LOAD
Figure 16. CMOS Output with 2 pF and 10 pF Load @ 250 MHz
1600
1400
1200
1000
800
600
400
200
0
0
1000
600
800
400
200
FREQUENCY (GHz)
7mA SETTING
DEFAULT 3.5mA SETTING
Figure 17. LVDS Differential Voltage Swing vs. Frequency,
Output Terminated 100 Ω Across Differential Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com