Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482ID Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS482ID
Description  100mW STEREO HEADPHONE AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482ID Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS482ID Datasheet HTML 8Page - STMicroelectronics TS482ID Datasheet HTML 9Page - STMicroelectronics TS482ID Datasheet HTML 10Page - STMicroelectronics TS482ID Datasheet HTML 11Page - STMicroelectronics TS482ID Datasheet HTML 12Page - STMicroelectronics TS482ID Datasheet HTML 13Page - STMicroelectronics TS482ID Datasheet HTML 14Page - STMicroelectronics TS482ID Datasheet HTML 15Page - STMicroelectronics TS482ID Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TS482
12/24
Fig. 25 : Output Power vs Load Resistance
Fig. 27 : Output Power vs Load Resistance
Fig. 29 : Power Dissipation vs Output Power
Fig. 26 : Output Power vs Load Resistance
Fig. 28 : Power Dissipation vs Output Power
Fig. 30 : Power Dissipation vs Output Power
8
1624
3240
4856
64
0
10
20
30
40
50
60
70
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 3.3V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
8
1624
3240
4856
64
0
5
10
15
20
25
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 2V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
0
102030405060
0
10
20
30
40
50
60
70
Vcc=3.3V
F=1kHz
THD+N<1%
RL=8
Ω
RL=16
Ω
RL=32
Ω
Output Power (mW)
8
1624
3240
4856
64
0
5
10
15
20
25
30
35
40
45
50
THD+N=10%
THD+N=0.1%
Av = -1
Vcc = 2.6V
F = 1kHz
BW < 125kHz
Tamb = 25
°C
THD+N=1%
Load Resistance (ohm)
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
Vcc=5V
F=1kHz
THD+N<1%
RL=32
Ω
RL=16
Ω
RL=8
Ω
Output Power (mW)
0
5
10
15
20
25
30
0
10
20
30
40
Vcc=2.6V
F=1kHz
THD+N<1%
RL=16
Ω
RL=8
Ω
RL=32
Ω
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com