Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS482ID Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS482ID
Description  100mW STEREO HEADPHONE AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS482ID Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS482ID Datasheet HTML 13Page - STMicroelectronics TS482ID Datasheet HTML 14Page - STMicroelectronics TS482ID Datasheet HTML 15Page - STMicroelectronics TS482ID Datasheet HTML 16Page - STMicroelectronics TS482ID Datasheet HTML 17Page - STMicroelectronics TS482ID Datasheet HTML 18Page - STMicroelectronics TS482ID Datasheet HTML 19Page - STMicroelectronics TS482ID Datasheet HTML 20Page - STMicroelectronics TS482ID Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
TS482
17/24
Fig. 55 : Signal to Noise Ratio vs Power Supply
Voltage with Unweighted Filter (20Hz to 20kHz)
Fig. 57 : Signal to Noise Ratio vs Power Supply
Voltage with Weighted Filter Type A
Fig. 59 : Equivalent Input Noise Voltage vs
Frequency
Fig. 56 : Signal to Noise Ratio vs Power Supply
Voltage with Unweighted Filter (20Hz to 20kHz)
Fig. 58 : Signal to Noise Ratio vs Power Supply
Voltage with Weighted Filter Type A
Fig. 60 : Output Voltage Swing vs Power
Supply Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
92
94
96
98
100
102
104
106
108
110
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
95
100
105
110
115
120
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=32
Ω
RL=16
Ω
RL=8
Ω
Power Supply (V)
0.02
0.1
1
10
5
10
15
20
25
Vcc=5V
Rs=100
Ω
Tamb=25
°C
Frequency (kHz)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
92
94
96
98
100
102
104
106
108
110
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=5k
Ω
RL=600
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
90
95
100
105
110
115
120
Av = -1
THD+N < 0.2%
Tamb = 25
°C
RL=5k
Ω
RL=600
Ω
Power Supply (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
RL=32
Ω
RL=16
Ω
RL=8
Ω
Tamb=25
°C
Power Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com