Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421-8 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS421-8
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421-8 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS421-8 Datasheet HTML 22Page - STMicroelectronics TS421-8 Datasheet HTML 23Page - STMicroelectronics TS421-8 Datasheet HTML 24Page - STMicroelectronics TS421-8 Datasheet HTML 25Page - STMicroelectronics TS421-8 Datasheet HTML 26Page - STMicroelectronics TS421-8 Datasheet HTML 27Page - STMicroelectronics TS421-8 Datasheet HTML 28Page - STMicroelectronics TS421-8 Datasheet HTML 29Page - STMicroelectronics TS421-8 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
TS419-TS421
26/32
Fig. 95: PSRR vs Bypass Capacitor
Fig. 97: PSRR vs Bypass Capacitor
Fig. 96: PSRR vs Bypass Capacitor
100
1000
10000
100000
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 200mVpp
Av = 8
Input = Grounded
Cb = Cin = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 200mVpp
Av = 8
Input = Grounded
Cb = 10
µF
Cin = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
100000
-60
-50
-40
-30
-20
-10
0
Vcc = 2V
Vcc = 5V, 3.3V & 2.5V
Vripple = 200mVpp
Av = 8
Input = Grounded
Cb = 4.7
µF
Cin = 1
µF
RL >= 16
Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com