Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS421-8 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS421-8
Description  360mW MONO AMPLIFIER WITH STANDBY MODE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS421-8 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS421-8 Datasheet HTML 24Page - STMicroelectronics TS421-8 Datasheet HTML 25Page - STMicroelectronics TS421-8 Datasheet HTML 26Page - STMicroelectronics TS421-8 Datasheet HTML 27Page - STMicroelectronics TS421-8 Datasheet HTML 28Page - STMicroelectronics TS421-8 Datasheet HTML 29Page - STMicroelectronics TS421-8 Datasheet HTML 30Page - STMicroelectronics TS421-8 Datasheet HTML 31Page - STMicroelectronics TS421-8 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
TS419-TS421
29/32
Fig. 98 : Differential Input Amplifier
Configuration
Input capacitance C can be calculated by the
following formula using the -3dB lower frequency
required. (FL is the lower frequency required)
Note : This formula is true only if:
is ten times lower than FL.
The following bill of material is an example of a
differential amplifier with a gain of 2 and a -3dB
lower cuttoff frequency of about 80Hz.
Components :
)
(
2
1
1
F
F
R
C
L
π
≈
Designator
Part Type
R1
20k / 1%
R2
20k / 1%
C
100nF
CB=CS
1µF
U1
TS419/21
)
Hz
(
C
942000
1
F
B
CB
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com