Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4062-2BRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4062-2BRZ-R7
Description  Tiny, Low Power JFET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4062-2BRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4062-2BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4062-2
Rev. 0 | Page 7 of
20
0
0.5
1.0
1.5
2.0
–50
–25
125
0
25
50
75
100
TEMPERATURE (°C)
VCC – VOH
VOL – VEE
VSY = ±15V
RL = 10kΩ
Figure 15. Output Voltage to Supply Rail vs. Temperature
–60
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
–60
–40
–20
0
20
40
60
80
100
120
FREQUENCY (Hz)
VSY = ±15V
PHASE
GAIN
Figure 16. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
AV = +100
AV = +10
AV = +1
Figure 17. Closed-Loop Gain vs. Frequency
0
0.5
1.0
1.5
2.0
TEMPERATURE
(°C)
VOL – VEE
VCC – VOH
VSY = ±5V
RL = 10kΩ
–50
–25
125
0
25
50
75
100
Figure 18. Output Voltage to Supply Rail vs. Temperature
–60
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
–60
–40
–20
0
20
40
60
80
100
120
FREQUENCY (Hz)
VSY = ±5V
PHASE
GAIN
Figure 19. Open-Loop Gain and Phase vs. Frequency
50
40
30
20
10
0
–10
–20
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±5V
AV = +100
AV = +10
AV = +1
Figure 20. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com