Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4062-2BRZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4062-2BRZ-R7
Description  Tiny, Low Power JFET-Input Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4062-2BRZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4062-2BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 14Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 15Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 16Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 17Page - Analog Devices ADA4062-2BRZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4062-2
Rev. 0 | Page 14 of
20
APPLICATIONS INFORMATION
NOTCH FILTER
A notch filter rejects a specific interfering frequency and can
be implemented using a single op amp. Figure 53 shows a 60 Hz
notch filter that uses the twin T network with the ADA4062-2
configured as a voltage follower. The ADA4062-2 works as a buffer
that provides high input resistance and low output impedance.
The low bias current (2 pA typical) and high input resistance
(10 TΩ typical) of the ADA4062-2 enable large resistors and
small capacitors to be used.
Alternatively, different combinations of resistors and capacitors
values can be used to achieve the desired notch frequency.
However, the major drawback to this circuit topology is the
need to ensure that all the resistors and capacitors be closely
matched. If they are not closely matched, the notch frequency
offset and drift cause the circuit to attenuate at a frequency
other than the ideal notch frequency.
Therefore, to achieve the desired performance, 1% or better com-
ponent tolerances are usually required. In addition, a notch filter
requires an op amp with a bandwidth of at least 100 to 200 times
the center frequency. Hence, using the ADA4062-2 with a
bandwidth of 1.4 MHz is excellent for a 60 Hz notch filter.
Figure 54 shows the gain of the notch filter with respect to
frequency. At 60 Hz, the notch filter has about 50 dB atten-
uation of signal.
+VSY
–VSY
IN
VO
fO =
R1 = R2 = 2R3
C1 = C2 =
R1
804kΩ
R2
804kΩ
R3
402kΩ
C3
6.6nF
C2
3.3nF
C3
2
C1
3.3nF
ADA4062-2
1/2
1
2π R1 C1
Figure 53. Notch Filter Circuit
FREQUENCY (Hz)
20
10
0
–10
–30
–20
–40
–50
–60
–70
–80
10
100
1k
Figure 54. Notch Filter: Gain vs. Frequency
HIGH-SIDE SIGNAL CONDITIONING
There are many applications that require the sensing of signals
near the positive rail. The ADA4062-2 can be used in high-side
current sensing applications. Figure 55 shows a high-side signal
conditioning circuit using the ADA4062-2. The ADA4062-2 has
an input common-mode range that includes the positive supply
(−11.5 V ≤ VCM ≤ +15 V). In the circuit, the voltage drop across
a low value resistor, such as the 0.1 Ω shown in Figure 55, is
amplified by a factor of 5 using the ADA4062-2.
ADA4062-2
+15V
+15V
–15V
100kΩ
0.1Ω
100kΩ
500kΩ
500kΩ
VO
RL
1/2
Figure 55. High-Side Signal Conditioning
MICROPOWER INSTRUMENTATION AMPLIFIER
The ADA4062-2 is a dual amplifier and is perfectly suited for
applications that require lower supply currents. For supply voltages
of ±15 V, the supply current per amplifier is 165 μA typical. The
ADA4062-2 also offers a typical low offset voltage drift of 4 μV/°C
and a very low bias current of 2 pA, which makes it well suited for
instrumentation amplifiers.
Figure 56 shows the classic 2-op-amp instrumentation amplifier
with four resistors using the ADA4062-2. The key to high CMRR
for this instrumentation amplifier are resistors that are well
matched to both the resistive ratio and relative drift. For true
difference amplification, matching of the resistor ratio is very
important, where R3/R4 = R1/R2. Assuming perfectly matched
resistors, the gain of the circuit is 1 + R2/R1, which is approxi-
mately 100. Tighter matching of two op amps in one package,
as is the case with the ADA4062-2, offers a significant boost in
performance over the 3-op-amp configuration. Overall, the circuit
only requires about 330 μA of supply current.
R3
10.1kΩ
R4
1MΩ
+15V
–15V
V1
R2
1MΩ
+15V
–15V
V2
R1
10.1kΩ
ADA4062-2
ADA4062-2
VO
VO = 100(V2 – V1)
TYPICAL: 0.5mV < │V2 – V1│< 135mV
TYPICAL: –13.8V < VO < +13.5V
USE MATCHED RESISTORS
1/2
1/2
Figure 56. Micropower Instrumentation Amplifier
PHASE REVERSAL
Phase reversal occurs in some amplifiers when the input common-
mode voltage range is exceeded. When the voltage driving the
input to these amplifiers exceeds the maximum input common-
mode voltage range, the output of the amplifiers changes polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com