Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4817-2ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4817-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 8 of 24
0.5
–0.5
100k
10G
FREQUENCY (Hz)
1M
10M
100M
1G
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
G= 2, SS
G= 2, LS
G = 1, LS
G=1, SS
Figure 12. 0.1 dB Flatness Frequency Response vs. Gain and Output Voltage
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD2, RL = 100Ω
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD3, RL = 100Ω
Figure 13. Distortion vs. Frequency for Various Loads, VOUT = 2 V p-p
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD3, VS = 10V
HD3, VS = 5V
HD2, VS = 10V
HD2, VS = 5V
Figure 14. Distortion vs. Frequency for Various Supplies, G = 2, VOUT = 2 V p-p
6
3
0
–3
–6
–9
–12
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
TA = +25°C, SINGLE
TA = +25°C, DUAL
TA = –40°C, SINGLE
TA = –40°C, DUAL
TA = +105°C, SINGLE
TA = +105°C, DUAL
Figure 15. Small Signal Frequency Response vs. Temperature
–20
–140
100k
100M
FREQUENCY (Hz)
–40
–60
–80
–100
–120
1M
10M
HD2, VS = 10V
HD3, VS = 10V
HD2, VS = 5V
HD3, VS = 5V
Figure 16. Distortion vs. Frequency for Various Supplies, VOUT = 2 V p-p
–20
–140
06
OUTPUT VOLTAGE (V p-p)
–40
–60
–80
–100
–120
12
345
HD2, RL = 100Ω
fC = 1MHz
HD2, RL = 1kΩ
HD3, RL = 100Ω
HD3, RL = 1kΩ
Figure 17. Distortion vs. Output Voltage for Various Loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com