Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-2ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4817-2ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4817-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4817-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 11 of 24
1.6
1.4
1.5
1.3
1.2
1.1
1.0
0.9
0.8
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
-
VS = ±5V
VS = +5V
–VS + VOUT
–VS + VOUT
+VS – VOUT
+VS – VOUT
RL = 100Ω
70
60
50
40
30
20
10
0
–30
10
–70
–110
–150
–190
–230
–270
–310
–10
10k
100k
1M
10M
100M
1G
10G
FREQUENCY (Hz)
GAIN
PHASE
Figure 31. Open-Loop Gain and Phase vs. Frequency
Figure 30. Output Saturation Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com