Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4856-3
Rev. 0 | Page 8 of 20
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1110
HD2
HD3
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 2V p-p
Figure 11. Harmonic Distortion vs. Frequency
0
–20
–40
–60
–80
–100
–120
0.1
1
10
100
1000
FREQUENCY (MHz)
OUT2
OUT3
OUT1
Figure 12. Forward Isolation vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.01
100
10
1
0.1
FREQUENCY (MHz)
+PSRR
–PSRR
Figure 13. Power Supply Rejection Ratio (PSRR) vs. Frequency
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
0.1
1
HD2
HD3
10
100
FREQUENCY (MHz)
RL = 1kΩ
VOUT = 1V p-p
VS = 3.3V
Figure 14. Harmonic Distortion vs. Frequency
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
1M
10M
100M
FREQUENCY (Hz)
IN1, IN2, OUT3
IN2, IN3, OUT1
IN1, IN3, OUT2
Figure 15. Crosstalk vs. Frequency
TIME (2ns/DIV)
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 16. Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com