Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4856-3YCPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4856-3YCPZ-R2
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4856-3YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4856-3YCPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4856-3
Rev. 0 | Page 9 of 20
100
1k
10k
100k
1M
FREQUENCY (Hz)
1k
100
10
VS = 5V
Figure 17. Output Voltage Noise vs. Frequency
–0.04
–0.06
–0.02
0
0.02
0.04
0.06
TIME (10ns/DIV)
VS = 3.3V
VS = 5V
Figure 18. Small Signal Transient Response vs. Supply Voltage
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
Figure 19. Small Signal Transient Response vs. Capacitive Load
25.0
24.5
24.0
23.5
23.0
22.5
22.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
SUPPLY VOLTAGE (V)
Figure 20. Quiescent Current vs. Supply Voltage
–1.0
–1.5
–0.5
0
0.5
1.0
1.5
TIME (10ns/DIV)
VS = 3.3V
VS = 5V
Figure 21. Large Signal Transient Response vs. Supply Voltage
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
TIME (10ns/DIV)
CL = 2.2pF
CL = 4.4pF
CL = 6.6pF
Figure 22. Large Signal Transient Response vs. Capacitive Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com