Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4858-3ACPZ-R2
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4858-3ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADA4858-3
Rev. 0 | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD, CONNECT TO GROUND.
ADA4858-3
TOP VIEW
(Not to Scale)
1
2
C1_a
C1_b
CPO
+VS
3
4
11 –IN2
12 +IN2
CHARGE
PUMP
10 OUT2
9
56
7
8
16 15 14 13
PD
Figure 3. Pin Configuration.
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+VS
Positive Supply for Charge Pump.
2
C1_a
Charge Pump Capacitor Side a.
3
C1_b
Charge Pump Capacitor Side b.
4
CPO
Charge Pump Output.
5
+VS
Positive Supply.
6
+IN3
Noninverting Input 3.
7
−IN3
Inverting Input 3.
8
OUT3
Output 3.
9
PD
Power Down.
10
OUT2
Output 2.
11
−IN2
Inverting Input 2.
12
+IN2
Noninverting Input 2.
13
NC
No Connect.
14
+IN1
Noninverting Input 1.
15
−IN1
Inverting Input 1.
16
OUT1
Output 1.
17 (EPAD)
Exposed Pad (EPAD)
The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com