Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4858-3ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4858-3ACPZ-R2
Description  Single-Supply, High Speed, Triple Op Amp with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4858-3ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4858-3ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4858-3ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADA4858-3
Rev. 0 | Page 8 of 16
0.2
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
VS = 3.3V
Figure 10. Large Signal 0.1 dB Flatness vs. Supply Voltage
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
110
FREQUENCY (MHz)
100
HD2
HD3
Figure 11. Harmonic Distortion vs. Frequency
10
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0.1
1
100
10
400
Figure 12. Power Supply Rejection Ratio (PSRR) vs. Frequency
0.2
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
1
10
100
1000
FREQUENCY (MHz)
RF = 200Ω
RF = 301Ω
Figure 13. Large Signal 0.1 dB Flatness vs. Feedback Resistor
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
110
FREQUENCY (MHz)
100
HD2
HD3
Figure 14. Harmonic Distortion vs. Frequency, VS = 3.3 V
–10
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
0.1
1
100
10
400
Figure 15. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com