Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4859-3ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4859-3ACPZ-R2
Description  Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4859-3ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4859-3ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADA4859-3
Rev. 0 | Page 9 of 16
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
TIME (5ns/DIV)
CL = 4pF
CL = 6pF
VOUT = 200mV p-p
CL = 10pF
Figure 16. Small Signal Transient Response vs. Capacitive Load
0.15
–0.15
–0.10
–0.05
0
0.05
0.10
TIME (5ns/DIV)
VOUT = 200mV p-p
VS = 3.3V
VS = 5V
Figure 17. Small Signal Transient Response vs. Supply Voltage, CL = 4 pF
1100
1000
900
800
700
600
500
400
300
200
100
00.5
1.5
1.0
2.5
2.0
OUTPUT VOLTAGE (V p-p)
RISE
FALL
Figure 18. Slew Rate vs. Output Voltage
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
TIME (5ns/DIV)
CL = 4pF
CL = 6pF
CL = 10pF
Figure 19. Large Signal Transient Response vs. Capacitive Load
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.0
–1.0
–0.5
0
0.5
1.0
1.5
TIME (5ns/DIV)
VS = 5V
VS = 3.3V
Figure 20. Large Signal Transient Response vs. Supply Voltage, CL = 4 pF
900
800
700
600
500
400
300
200
100
00.5
1.5
1.0
2.5
2.0
OUTPUT VOLTAGE (V p-p)
RISE
FALL
VS = 3.3V
Figure 21. Slew Rate vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com