Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4859-3ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4859-3ACPZ-R2
Description  Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4859-3ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4859-3ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4859-3ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADA4859-3
Rev. 0 | Page 14 of 16
VIDEO LINE DRIVER
The ADA4859-3 was designed to excel in video driver applications.
Figure 36 shows a typical schematic for a video driver operating
on bipolar supplies.
1
2
3
4
11
12
CHARGE
PUMP
10
9
56
7
8
16
15
14
13
1µF
+
10µF
0.1µF
+VS
1µF
VIN (B)
75Ω
75Ω
VOUT (B)
75Ω
VOUT (G)
75Ω
VOUT (R)
75Ω
VIN (G)
75Ω
VIN (R)
PD
Figure 36. Video Driver Schematic
In applications that require multiple video loads be driven
simultaneously, the ADA4859-3 can deliver. Figure 37 shows
the ADA4856-3 configured with two video loads, and Figure 38
shows the large signal performance for multiple video loads.
75Ω
CABLE
75Ω
CABLE
75Ω
75Ω
75Ω
75Ω
VOUT2
VOUT1
+VS
0.1µF
10µF
VIN
75Ω
CABLE
75Ω
+
Figure 37. Video Driver Schematic for Two Video Loads
6.5
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1
10
100
1000
FREQUENCY (MHz)
RL = 150Ω
RL = 75Ω
Figure 38. Large Signal Frequency Response for Various Loads
POWER-DOWN
The ADA4859-3 is equipped with a PD (power-down) pin for
all three amplifiers. This allows the user the ability to reduce
the quiescent supply current when an amplifier is not active.
The power-down threshold levels are derived from ground
level. The amplifiers are powered down when the voltage
applied to the PD pin is greater than a certain voltage from
ground. In a 5 V supply application, the voltage is greater than 2 V,
and in a 3.3 V supply application, the voltage is greater than 1.5 V.
The amplifier is enabled whenever the PD pin is left floating
(not connected). If the PD pin is not used, it is best to leave it
floating or connected to ground. Note that the power-down feature
does not control the charge pump output voltage and current.
Table 5. Power-Down Voltage Control
PD Pin
5 V
3.3 V
Not Active
<1.5 V
<1 V
Active
>2 V
>1.5 V
LAYOUT CONSIDERATIONS
As is the case with all high speed applications, careful attention
to printed circuit board (PCB) layout details prevents associated
board parasitics from becoming problematic. Proper RF design
technique is mandatory. The PCB should have a ground plane
covering all unused portions of the component side of the board to
provide a low impedance return path. Removing the ground
plane on all layers from the area near the input and output pins
reduces stray capacitance. Locate termination resistors and loads as
close as possible to their respective inputs and outputs. Keep
input and output traces as far apart as possible to minimize
coupling (crosstalk) through the board. Adherence to
microstrip or stripline design techniques for long signal traces
(greater than about 1 inch) is recommended.
POWER SUPPLY BYPASSING
Careful attention must be paid to bypassing the power supply
pins of the ADA4859-3. Use high quality capacitors with low
equivalent series resistance (ESR), such as multilayer ceramic
capacitors (MLCCs), to minimize supply voltage ripple and
power dissipation. A large, usually tantalum, 10 μF to 47 μF
capacitor located in proximity to the ADA4859-3 is required to
provide good decoupling for lower frequency signals. In
addition, locate 0.1 μF MLCC decoupling capacitors as close to
each of the power supply pins as is physically possible, no more
than 1/8-inch away. The ground returns should terminate
immediately into the ground plane. Locating the bypass capacitor
return close to the load return minimizes ground loops and
improves performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com