Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-2YCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4927-2YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4927-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 6 of 24
VOCM to VOUT, cm Performance
Table 5.
Parameter
Conditions
Min
Typ
Max
Unit
VOCM DYNAMIC PERFORMANCE
Small signal −3 dB Bandwidth
VOUT, cm = 100 mV p-p
1300
MHz
Slew Rate
VIN = 1.5 V to 3.5 V, 25% to 75%
1000
V/μs
Input Voltage Noise (RTI)
f = 100 kHz
15
nV/√Hz
VOCM INPUT CHARACTERISTICS
Input Voltage Range
1.5 to 3.5
V
Input Resistance
3.8
5.0
7.5
kΩ
Input Offset Voltage
VOS, cm = VOUT, cm, VDIN+ = VDIN− = +VS/2
−5.0
+2.0
+10
mV
VOCM CMRR
ΔVOUT, dm/ΔVOCM, ΔVOCM = ±1 V
−70
−100
dB
Gain
ΔVOUT, cm/ΔVOCM, ΔVOCM = ±1 V
0.90
0.97
1.00
V/V
General Performance
Table 6.
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
4.5
11.0
V
Quiescent Current per Amplifier
20
21.6
mA
tMIN to tMAX variation
±7.0
μA/°C
Powered down
0.6
mA
Power Supply Rejection Ratio
ΔVOUT, dm/ΔVS, ΔVS = 1 V
−70
−89
dB
POWER-DOWN (PD)
PD Input Voltage
Powered down
<1.7
V
Enabled
>3.0
V
Turn-Off Time
20
μs
Turn-On Time
500
ns
PD Pin Bias Current per Amplifier
Enabled
PD = 5 V
−2
+2
μA
Disabled
PD = 0 V
−105
−95
μA
OPERATING TEMPERATURE RANGE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com