Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4927-2YCPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4927-2YCPZ-R2
Description  Ultralow Distortion Current Feedback Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4927-2YCPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4927-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 20Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 21Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 22Page - Analog Devices ADA4927-2YCPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADA4927-1/ADA4927-2
Rev. 0 | Page 19 of 24
For an unbalanced, single-ended input signal (see Figure 49),
the input impedance is
() ⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
F
G
F
G
SE
IN
R
R
R
R
R
2
1
,
ADA4927
RL VOUT, dm
+VS
–VS
RG
RG
RF
RF
VOCM
RIN, SE
Figure 49. The ADA4927 with Unbalanced (Single-Ended) Input
The input impedance of the circuit is effectively higher than it
would be for a conventional op amp connected as an inverter
because a fraction of the differential output voltage appears at
the inputs as a common-mode signal, partially bootstrapping
the voltage across the input resistor RG. The common-mode
voltage at the amplifier input terminals can be easily determined
by noting that the voltage at the inverting input is equal to the
noninverting output voltage divided down by the voltage divider
formed by RF and RG in the lower loop. This voltage is present at
both input terminals due to negative voltage feedback and is in
phase with the input signal, thus reducing the effective voltage
across RG in the upper loop and partially bootstrapping RG.
Terminating a Single-Ended Input
This section deals with how to properly terminate a single-
ended input to the ADA4927 with a gain of 1, RF = 348 Ω, and
RG = 348 Ω. An example using an input source with a terminated
output voltage of 1 V p-p and a source resistance of 50 Ω illustrates
the four simple steps that must be followed. Note that, because
the terminated output voltage of the source is 1 V p-p, the open
circuit output voltage of the source is 2 V p-p. The source shown
in Figure 50 indicates this open-circuit voltage.
1. The input impedance must be calculated using the following
formula:
Ω
464
)
348
348
(
2
348
1
348
)
(
2
1
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
×
−
=
F
G
F
G
IN
R
R
R
R
R
RS
50Ω
VS
2V p-p
RIN
464Ω
ADA4927
RL VOUT, dm
+VS
–VS
RG
348Ω
RG
348Ω
RF
348Ω
RF
348Ω
VOCM
Figure 50. Calculating Single-Ended Input Impedance RIN
2.
To match the 50 Ω source resistance, the termination
resistor, RT, is calculated using RT||464 Ω = 50 Ω. The
closest standard 1% value for RT is 56.2 Ω.
ADA4927
RL
VOUT, dm
+VS
–VS
RS
50Ω
RG
348Ω
RG
348Ω
RF
348Ω
RF
348Ω
VOCM
VS
2V p-p
RIN
50Ω
RT
56.2Ω
Figure 51. Adding Termination Resistor RT
3.
It can be seen from Figure 51 that the effective RG in the
upper feedback loop is now greater than the RG in the
lower loop due to the addition of the termination resistors.
To compensate for the imbalance of the gain resistors,
a correction resistor (RTS) is added in series with RG in the
lower loop. RTS is equal to the Thevenin equivalent of the
source resistance RS and the termination resistance RT and
is equal to RS||RT.
RS
50Ω
VS
2V p-p
RT
56.2Ω
RTH
26.5Ω
VTH
1.06V p-p
Figure 52. Calculating the Thevenin Equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com