Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE209BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADATE209BBCZ
Description  4.0 Gbps Dual Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADATE209BBCZ Datasheet HTML 4Page - Analog Devices ADATE209BBCZ Datasheet HTML 5Page - Analog Devices ADATE209BBCZ Datasheet HTML 6Page - Analog Devices ADATE209BBCZ Datasheet HTML 7Page - Analog Devices ADATE209BBCZ Datasheet HTML 8Page - Analog Devices ADATE209BBCZ Datasheet HTML 9Page - Analog Devices ADATE209BBCZ Datasheet HTML 10Page - Analog Devices ADATE209BBCZ Datasheet HTML 11Page - Analog Devices ADATE209BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADATE209
Rev. 0 | Page 8 of 16
Pin No.
Mnemonic
Description
D4
GND
Ground.
D5
GND
Ground.
D6
DA1T
Termination for Data Input A, Channel 1.
D7
DA1
Data Input A. Noninverting input for Channel 1.
E1
DA2B
Data Input A. Inverting input for Channel 2.
E2
GND
Ground.
E3
VH2
VH Input, Channel 2.
E4
GND
Ground.
E5
VH1
VH Input, Channel 1.
E6
GND
Ground.
E7
DA1B
Data Input A. Inverting input for Channel 1.
F1
DB2
Data Input B. Noninverting input for Channel 2.
F2
DB2T
Termination for Data Input B, Channel 2.
F3
VL2
VL Input, Channel 2.
F4
VCCTHERM
Positive Power Supply for Thermal Diode String, 7.0 V.
F5
VL1
VL Input, Channel 1.
F6
DB1T
Termination for Data Input B, Channel 1.
F7
DB1
Data Input B. Noninverting input for Channel 1.
G1
DB2B
Data Input B. Inverting input for Channel 2.
G2
CLC2EN
Cable-Loss Compensation Control Pin, Channel 2.
G3
VT2
VT Input, Channel 2.
G4
THERM
Thermal Diode Connection.
G5
VT1
VT Input, Channel 1.
G6
CLC1EN
Cable-Loss Compensation Control Pin, Channel 1.
G7
DB1B
Data Input B. Inverting input for Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com