Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE209BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADATE209BBCZ
Description  4.0 Gbps Dual Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE209BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADATE209BBCZ Datasheet HTML 1Page - Analog Devices ADATE209BBCZ Datasheet HTML 2Page - Analog Devices ADATE209BBCZ Datasheet HTML 3Page - Analog Devices ADATE209BBCZ Datasheet HTML 4Page - Analog Devices ADATE209BBCZ Datasheet HTML 5Page - Analog Devices ADATE209BBCZ Datasheet HTML 6Page - Analog Devices ADATE209BBCZ Datasheet HTML 7Page - Analog Devices ADATE209BBCZ Datasheet HTML 8Page - Analog Devices ADATE209BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
4.0 Gbps Dual Driver
ADATE209
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
>4.0 Gbps (2 V swings)
120 ps rise time/fall time (2 V swings)
<1.0 W for dual driver (<500 mW/channel)
−1 V to +3.5 V range
Fast termination mode (VTx)
Cable loss compensation
APPLICATIONS
Automatic test equipment
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment
High speed memory testing (DDR2/DDR3/DDR4)
HDMI testing
FUNCTIONAL BLOCK DIAGRAM
DA1
DB1
TERM1
DROUT1
VT1
VL1
VH1
CLC1EN
DA2
DB2
TERM2
DROUT2
VT2
VL2
VH2
CLC2EN
Figure 1.
GENERAL DESCRIPTION
The ADATE209 is a dual pin driver designed for testing DDR2,
DDR3, and DDR4. It can also be used for high speed SoC applica-
tions, such as testing PCI Express 1.0 and HDMI™. The device is a
three-level driver capable of high fidelity swings from 200 mV
to 4 V over a −1 V to +3.5 V range. It has rise/fall times (20% to
80%) under 120 ps for a 2 V programmed swing and 150 ps for
a 3 V programmed swing, and is capable of supporting data
rates of 4.4 Gbps and 3.2 Gbps, respectively.
The device is capable of high speed transitions into and out of
termination mode. It also contains peaking/pre-emphasis circuitry.
The ADATE209 is available in an 8 mm × 8 mm, 49-ball
CSP_BGA.


Similar Part No. - ADATE209BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE209BBCZ AD-ADATE209BBCZ Datasheet
876Kb / 17P
4.0 Gbps Dual Driver
2/10-Rev. 0 to Rev. A
More results

Similar Description - ADATE209BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV.0
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
M/A-COM Technology Solu...
02066-BRF-001-A MA-COM-02066-BRF-001-A Datasheet
105Kb / 2P
3 Gbps Laser Driver
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
logo
TriQuint Semiconductor
TGA2731-SM TRIQUINT-TGA2731-SM_15 Datasheet
2Mb / 15P
2.7 to 4.0 GHz Driver Amplifier
logo
Texas Instruments
ONET1130EC TI1-ONET1130EC Datasheet
2Mb / 60P
11.7 Gbps Transceiver with Dual CDRs and Modulator Driver
logo
Analog Devices
ADATE209 AD-ADATE209_17 Datasheet
876Kb / 17P
4.0 Gbps Dual Driver
2/10-Rev. 0 to Rev. A
logo
Texas Instruments
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com