Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 46 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADE5166_08 Datasheet HTML 42Page - Analog Devices ADE5166_08 Datasheet HTML 43Page - Analog Devices ADE5166_08 Datasheet HTML 44Page - Analog Devices ADE5166_08 Datasheet HTML 45Page - Analog Devices ADE5166_08 Datasheet HTML 46Page - Analog Devices ADE5166_08 Datasheet HTML 47Page - Analog Devices ADE5166_08 Datasheet HTML 48Page - Analog Devices ADE5166_08 Datasheet HTML 49Page - Analog Devices ADE5166_08 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 46 of 148
FAULT DETECTION
The ADE5166/ADE5169 incorporate a fault detection scheme
that warns of fault conditions and allows accurate measurement
to continue during a fault event. The ADE5166/ADE5169 do
this by continuously monitoring both current inputs (IPA and IPB).
For ease of understanding, these currents are referred to as phase
and neutral (return) currents. In the ADE5166/ADE5169, a fault
condition is defined when the difference between IPA and IPB is
greater than 6.25% of the active channel. If a fault condition is
detected and the inactive channel is larger than the active channel,
the ADE5166/ADE5169 automatically switch current measure-
ment to the inactive channel. During a fault, the active, reactive,
and apparent power and the Irms are generated using the larger of
the two currents. On power-up, IPA is the current input selected
for active, reactive, and apparent power and IRMS calculations.
To prevent a false alarm, averaging is done for the fault detection,
and a fault condition is detected approximately one second after
the event. The fault detection is automatically disabled when the
voltage signal is less than 0.3% of the full-scale input range. This
eliminates false detection of a fault due to noise at light loads.
Because the ADE5166/ADE5169 look for a difference between
the voltage signals on IPA and IPB, it is important that both current
transducers be closely matched.
Channel Selection Indication
The current channel selected for measurement is indicated by
Bit 7 (ICHANNEL) in the ACCMODE register (Address 0x0F).
When this bit is cleared, IPA is selected and, when it is set, IPB is
selected. The ADE5166/ADE5169 automatically switch from one
channel to the other and report the channel configuration in the
ACCMODE register.
The current channel selected for measurement can also be forced.
Setting the SEL_I_CH[5:4] bits in the CALMODE register
(Address 0x3D) selects IPA and IPB, respectively. When both bits
are cleared or set, the current channel used for measurement is
selected automatically based on the fault detection.
Fault Indication
The ADE5166/ADE5169 provide an indication of the part going
in or out of a fault condition. The new fault condition is indicated
by the FAULTSIGN flag (Bit 5) in the Interrupt Status 1 SFR
(MIRQSTL, Address 0xDC).
When the FAULTSIGN bit (Bit 6) of the ACCMODE register
(Address 0x0F) is cleared, the FAULTSIGN flag in the Interrupt
Status 1 SFR (MIRQSTL, Address 0xDC) is set when the part is
entering a fault condition or a normal condition.
When the FAULTSIGN bit (Bit 5) is set in the Interrupt Enable 1
SFR (MIRQENL, Address 0xD9), and the FAULTSIGN flag
(Bit 5) in the Interrupt Status 1 SFR (MIRQSTL, Address 0xDC)
is set, the 8052 core has a pending ADE interrupt.
Fault with Active Input Greater Than Inactive Input
If IPA is the active current input (that is, being used for billing),
and the voltage signal on IPB (inactive input) falls below 93.75%
of IPA, and the FAULTSIGN bit (Bit 6) of the ACCMODE register
(Address 0x0F) is cleared, the FAULTSIGN flag (Bit 5) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set. Both
analog inputs are filtered and averaged to prevent false
triggering of this logic output. As a consequence of the filtering,
there is a time delay of approximately 3 sec on the logic output
after the fault event. The FAULTSIGN flag is independent of
any activity. Because IPA is the active input and it is still greater
than IPB, billing is maintained on IPA; that is, no swap to the IPB
input occurs. IPA remains the active input.
Fault with Inactive Input Greater Than Active Input
If the difference between IPB, the inactive input, and IPA, the active
input (that is, being used for billing), becomes greater than 6.25%
of IPB, and the FAULTSIGN bit (Bit 6) of the ACCMODE register
(Address 0x0F) is cleared, the FAULTSIGN flag (Bit 5)in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set. The
IPB analog input becomes the active input. Again, a time constant
of about 3 sec is associated with this swap. IPA does not swap back
to the active channel until IPA is greater than IPB and the difference
between IPA and IPB, in this order, becomes greater than 6.25% of
IPB. However, if the FAULTSIGN bit (Bit 6) of the ACCMODE
register (Address 0x0F) is set, the FAULTSIGN flag (Bit 5) in the
Interrupt Status 1 SFR (MIRQSTL, Address 0xDC) is set as soon
as IPA is within 6.25% of IPB. This threshold eliminates concerns
about potential chatter between IPA and IPB calibration.
Typically, when a meter is calibrated, the voltage and current
circuits are separated, as shown in Figure 45. Current passes
through only the phase circuit or the neutral circuit. Figure 45
shows current being passed through the phase circuit. This is the
preferred option because the ADE5166/ADE5169 start billing on
the IPA input on power-up. The phase circuit CT is connected to
IPA in the diagram. Because the current sensors are not perfectly
matched, it is important to match current inputs. The ADE5166/
ADE5169 provide a gain calibration register for IPB, IBGAIN
(Address 0x1C). IBGAIN is a 12-bit, signed, twos complement
register that provides a gain resolution of 0.0244%/LSB.
AGND
IB
IN
IPA
RF
RF
CF
CF
CT
CT
RB
RB
0
IPB
0V
VA
RF
RA
VP
V
TEST
CURRENT
RF
VN
CT
CF
240V rms
Figure 45. Fault Conditions for Inactive Input Greater Than Active Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com