Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 27 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADE5166_08 Datasheet HTML 23Page - Analog Devices ADE5166_08 Datasheet HTML 24Page - Analog Devices ADE5166_08 Datasheet HTML 25Page - Analog Devices ADE5166_08 Datasheet HTML 26Page - Analog Devices ADE5166_08 Datasheet HTML 27Page - Analog Devices ADE5166_08 Datasheet HTML 28Page - Analog Devices ADE5166_08 Datasheet HTML 29Page - Analog Devices ADE5166_08 Datasheet HTML 30Page - Analog Devices ADE5166_08 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
ADE5166/ADE5169
Rev. 0 | Page 27 of 148
POWER SUPPLY ARCHITECTURE
The ADE5166/ADE5169 have two power supply inputs, VDD and
VBAT, and they require only a single 3.3 V power supply at VDD for
full operation. A battery backup, or secondary power supply, with
a maximum of 3.7 V can be connected to the VBAT input. Internally,
the ADE5166/ADE5169 connect VDD or VBAT to VSWOUT, which is
used to derive power for the ADE5166/ADE5169 circuitry. The
VSWOUT output pin reflects the voltage at the internal power supply
(VSWOUT) and has a maximum output current of 6 mA. This pin
can also be used to power a limited number of peripheral compo-
nents. The 2.5 V analog supply (VINTA) and the 2.5 V supply for
the core logic (VINTD) are derived by on-chip linear regulators from
VSWOUT. Figure 30 shows the ADE5166/ADE5169 power supply
architecture.
The ADE5166/ADE5169 provide automatic battery switchover
between VDD and VBAT based on the voltage level detected at VDD
or VDCIN. In addition, the BCTRL input can be used to trigger a
battery switchover. The conditions for switching VSWOUT from VDD
to VBAT and back to VDD are described in the Battery Switchover
section. VDCIN is an input pin that can be connected to a 0 V to
3.3 V dc signal. This input is intended for power supply super-
visory purposes and does not provide power to the ADE5166/
ADE5169 circuitry (see the Battery Switchover section).
POWER SUPPLY
MANAGEMENT
LDO
VINTD
LDO
VINTA
ADC
VSW
ADC
MCU
ADE
SPI/I2C
VDCIN VDD VBAT
VSWOUT
BCTRL
SCRATCH PAD
LCD
RTC
TEMPERATURE ADC
3.3V
UART
2.5V
Figure 30. Power Supply Architecture
BATTERY SWITCHOVER
The ADE5166/ADE5169 monitor VDD, VBAT, and VDCIN. Auto-
matic battery switchover from VDD to VBAT can be configured
based on the status of the VDD, the VDCIN, or the BCTRL pin. Battery
switchover is enabled by default. Setting Bit 1 in the battery
switchover configuration SFR (BATPR, Address 0xF5) disables
battery switchover so that VDD is always connected to VSWOUT (see
Table 18). The source of VSWOUT is indicated by Bit 6 in the
peripheral configuration SFR (PERIPH, Address 0xF4), which is
described in Table 19. Bit 6 is set when VSWOUT is connected to
VDD and cleared when VSWOUT is connected to VBAT.
The battery switchover functionality provided by the ADE5166/
ADE5169 allows a seamless transition from VDD to VBAT. An auto-
matic battery switchover option ensures a stable power supply to
the ADE5166/ADE5169, as long as the external battery voltage
is above 2.75 V. It allows continuous code execution even while
the internal power supply is switching from VDD to VBAT and back.
Note that the energy metering ADCs are not available when
VBAT is being used for VSWOUT.
Power supply management (PSM) interrupts can be enabled to
indicate when battery switchover occurs and when the VDD
power supply is restored (see the Power Supply Management
(PSM) Interrupt section.)
VDD to VBAT
The following three events switch the internal power supply
(VSWOUT) from VDD to VBAT:
VDCIN < 1.2 V. When VDCIN falls below 1.2 V, VSWOUT switches
from VDD to VBAT. This event is enabled when the
BATPRG[1:0] bits in the battery switchover configuration
SFR (BATPR, Address 0xF5) = 0b01.
VDD < 2.75 V. When VDD falls below 2.75 V, VSWOUT switches
from VDD to VBAT. This event is enabled when BATPRG[1:0] in
the BATPR SFR are cleared.
Falling edge on BCTRL. When the battery control pin,
BCTRL, goes low, VSWOUT switches from VDD to VBAT. This
external switchover signal can trigger a switchover to VBAT
at any time. Setting the INT1PRG bits to 0bx01 in the inter-
rupt pins configuration SFR (INTPR, Address 0xFF) enables
the battery control pin (see Table 16).
Switching from VBAT to VDD
To switch VSWOUT from VBAT to VDD, all of the following events
must be true:
VDD > 2.75 V. VSWOUT switches back to VDD after VDD remains
above 2.75 V.
VDCIN > 1.2 V and VDD > 2.75 V. If the low VDCIN condition
is enabled, VSWOUT switches to VDD after VDCIN remains
above 1.2 V and VDD remains above 2.75 V.
Rising edge on BCTRL. If the battery control pin is enabled,
VSWOUT switches back to VDD after BCTRL is high, and the
first or second bullet point is satisfied.
POWER SUPPLY MANAGEMENT (PSM) INTERRUPT
The power supply management (PSM) interrupt alerts the 8052
core of power supply events. The PSM interrupt is disabled by
default. Setting the EPSM bit in the interrupt enable and Priority 2
SFR (IEIP2, Address 0xA9) enables the PSM interrupt (see
Table 82).
The power management interrupt enable SFR (IPSME,
Address 0xEC) controls the events that result in a PSM interrupt
(see Table 20).
Figure 31 illustrates how the PSM interrupt vector is shared among
the PSM interrupt sources. The PSM interrupt flags are latched
and must be cleared by writing to the IPSMF power management
interrupt flag SFR, Address 0xF8 (see Table 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com