Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4973 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS4973
Description  1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4973 Datasheet(HTML) 8 Page - STMicroelectronics

  TS4973 Datasheet HTML 1Page - STMicroelectronics TS4973 Datasheet HTML 2Page - STMicroelectronics TS4973 Datasheet HTML 3Page - STMicroelectronics TS4973 Datasheet HTML 4Page - STMicroelectronics TS4973 Datasheet HTML 5Page - STMicroelectronics TS4973 Datasheet HTML 6Page - STMicroelectronics TS4973 Datasheet HTML 7Page - STMicroelectronics TS4973 Datasheet HTML 8Page - STMicroelectronics TS4973 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS4973
8/9
PIN OUT (top view)
MARKING (top view)
PACKAGE MECHANICAL DATA
FLIP CHIP - 9 BUMPS
s Balls are underneath
Vin1
GND
BYPASS
VOUT2
VCC
Vin2
VOUT1
GS
STBY
A
C
B
1
2
3
Vin1
GND
BYPASS
VOUT2
VCC
Vin2
VOUT1
GS
STBY
A
C
B
1
2
3
s Logo : ST
s Part Number : A73
s Date Code : YWW
s The Dot is for marking pin A1
A73
YWW
A73
YWW
s Die size : 2.26mm x 1.6mm ( ±10%)
s Die height (including bumps) : 600µm
±30µm
s Bumps diameter : 300µm ±15µm
s Pitch: 500µm ±10µm
2.26 mm
1.6 mm
0.5mm
0.5mm
∅ 0.25mm
600µm
2.26 mm
1.6 mm
0.5mm
0.5mm
∅ 0.25mm
600µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com