Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4973 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS4973
Description  1.2W TWO AUDIO INPUTS WITH GAIN CONTROL POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4973 Datasheet(HTML) 6 Page - STMicroelectronics

  TS4973 Datasheet HTML 1Page - STMicroelectronics TS4973 Datasheet HTML 2Page - STMicroelectronics TS4973 Datasheet HTML 3Page - STMicroelectronics TS4973 Datasheet HTML 4Page - STMicroelectronics TS4973 Datasheet HTML 5Page - STMicroelectronics TS4973 Datasheet HTML 6Page - STMicroelectronics TS4973 Datasheet HTML 7Page - STMicroelectronics TS4973 Datasheet HTML 8Page - STMicroelectronics TS4973 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS4973
6/9
REMARKS
1. All measurements, except PSRR measurements, are made with a supply bypass capacitor Cs = 1µF.
2. The standby response time is about 1µs.
Components
Functional Description
Rin
Inverting input resistor which sets the closed loop gain ( when GS = high) in conjunction with the inter-
nal feedback resistor Rfeed. This resistor also forms a high pass filter with Cin1
Fc = 1 / (2 x Pi x Rin x Cin1)
Cin1
Input coupling capacitor which blocks the DC voltage at the amplifier input terminal In1
Cin2
Input coupling capacitor which blocks the DC voltage at the amplifier input terminal In2. This capacitor
also forms a high pass filter with Zin (internal input impedance when Gs = Low
Fc = 1 / (2 x Pi x Zin x Cin2)
Cs
Supply Bypass capacitor which provides power supply filtering (Recommended value = 1µF)
Cb
Bypass pin capacitor which provides half supply filtering (Recommended value = 1µF)
Gv
Closed loop gain in BTL configuration
When Gs = Low, Gv = 2 or 6dB
When GS = high, Gv = 2 x (Rfeed / Rin). Rfeed value see Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com