Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-2.3-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2108ACBZ-2.3-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-2.3-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2108ACBZ-2.3-R7 Datasheet HTML 1Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 2Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 3Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 4Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 5Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 6Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADP2108
Rev. A | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VIN
GND
SW
EN
FB
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VIN
Power Source Input. VIN is the source of the PFET high-side switch. Bypass VIN to GND with a 2.2 μF or greater
capacitor as close to the ADP2108 as possible.
A2
GND
Ground. Connect all the input and output capacitors to GND.
B
SW
Switch Node Output. SW is the drain of the PFET switch and NFET synchronous rectifier.
C1
EN
Enable Input. Drive EN high to turn on the ADP2108. Drive EN low to turn it off and reduce the input current to 0.2 μA.
C2
FB
Feedback Input of the Error Amplifier. Connect FB to the output of the switching regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com