Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2108ACBZ-2.3-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP2108ACBZ-2.3-R7
Description  Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2108ACBZ-2.3-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP2108ACBZ-2.3-R7 Datasheet HTML 3Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 4Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 5Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 6Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 7Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 8Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 9Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 10Page - Analog Devices ADP2108ACBZ-2.3-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP2108
Rev. A | Page 7 of 16
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
1.775
1.785
1.795
1.805
1.815
1.825
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 9. Load Regulation, VOUT = 1.8 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
OUTPUT CURRENT (A)
0.985
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 10. Load Regulation, VOUT = 1.0 V
0
0.1
0.2
0.3
0.4
0.5
0.6
OUTPUT CURRENT (A)
3.2175
3.2375
3.2575
3.2775
3.2975
3.3175
3.3375
3.3575
3.3775
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 11. Load Regulation, VOUT = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 12. Efficiency, VOUT = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 2.7V
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 13. Efficiency, VOUT = 1.0 V
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
OUTPUT CURRENT (A)
VIN = 3.6V
VIN = 4.5V
VIN = 5.5V
Figure 14. Efficiency, VOUT = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com