Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5071 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS5071
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5071 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS5071 Datasheet HTML 10Page - STMicroelectronics TS5071 Datasheet HTML 11Page - STMicroelectronics TS5071 Datasheet HTML 12Page - STMicroelectronics TS5071 Datasheet HTML 13Page - STMicroelectronics TS5071 Datasheet HTML 14Page - STMicroelectronics TS5071 Datasheet HTML 15Page - STMicroelectronics TS5071 Datasheet HTML 16Page - STMicroelectronics TS5071 Datasheet HTML 17Page - STMicroelectronics TS5071 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
APPLICATION INFORMATION
Figure 2 shows a typical application of the TS5070
together with a transformer SLIC.
The design of the transformer is greatly simplified
due to the on-chip hybrid balance cancellation filter.
Only one single secondary winding is required (see
application note AN.091 - Designing a subscriber
line card module using the TS5070/COMBO IIG).
Figures 3 and 4 show an arrangement with SGS-
Thomson monolithic SLICS.
POWER SUPPLIES
While the pins of the TS5070 and TS5071/COMBO
IIG devices are well protected against electrical
misuse, it is recommended that the standard
CMOS practice of applying GND to the device be-
fore any otherconnectionsare made shouldalways
be followed.In applicationswhere the printedcircuit
card may be plugged into a hot socket with power
and clocks already present, an extra long ground
pin on the connector should be used and a Schottky
diode connected between VSS and GND. To mini-
mize noise sources all ground connections to each
device should meet at a common point as close as
possible to the GND pin in order to prevent the in-
teraction of ground return currents flowing through
a common bus impedance. Power supply decou-
pling capacitors of 0.1
µF shouldbe connectedfrom
this common device ground point to VCC and VSS
as closeto thedevice pins as possible. VCC and VSS
should also be decoupled with low effective series
resis-tance capacitorsof at least 10
µF locatednear
the card edge connector.
TS5070 - TS5071
14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com