Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5071 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS5071
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5071 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS5071 Datasheet HTML 21Page - STMicroelectronics TS5071 Datasheet HTML 22Page - STMicroelectronics TS5071 Datasheet HTML 23Page - STMicroelectronics TS5071 Datasheet HTML 24Page - STMicroelectronics TS5071 Datasheet HTML 25Page - STMicroelectronics TS5071 Datasheet HTML 26Page - STMicroelectronics TS5071 Datasheet HTML 27Page - STMicroelectronics TS5071 Datasheet HTML 28Page - STMicroelectronics TS5071 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ENVELOPE DELAY DISTORTION WITH FREQUENCY
Symbol
Parameter
Min.
Typ.
Max.
Unit
DXA
Tx Delay Absolute
f = 1600 Hz
315
µs
DXR
Tx Delay, Relative to DXA
f = 500 – 600 Hz
f = 600 – 800 Hz
f = 800 – 1000 Hz
f = 1000 – 1600 Hz
f = 1600 – 2600 Hz
f = 2600 – 2800 Hz
f = 2800 – 3000 Hz
220
145
75
40
75
105
155
µs
µs
µs
µs
µs
µs
µs
DRA
Rx Delay, Absolute
f = 1600 Hz
200
µs
DRR
Rx Delay, Relative to DRA
f = 500 – 1000 Hz
f = 1000 – 1600 Hz
f = 1600 – 2600 Hz
f = 2600 – 2800 Hz
f = 2800 – 3000 Hz
–40
–30
90
125
175
µs
µs
µs
µs
µs
TS5070 - TS5071
25/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com