Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5070FNTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS5070FNTR
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070FNTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS5070FNTR Datasheet HTML 7Page - STMicroelectronics TS5070FNTR Datasheet HTML 8Page - STMicroelectronics TS5070FNTR Datasheet HTML 9Page - STMicroelectronics TS5070FNTR Datasheet HTML 10Page - STMicroelectronics TS5070FNTR Datasheet HTML 11Page - STMicroelectronics TS5070FNTR Datasheet HTML 12Page - STMicroelectronics TS5070FNTR Datasheet HTML 13Page - STMicroelectronics TS5070FNTR Datasheet HTML 14Page - STMicroelectronics TS5070FNTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Alternatively, the internal time-slot assignment
counters and comparators can be used to access
any time-slot in a frame,using the framesync inputs
as marker pulses for the beginning of transmit and
receive time-slot 0. In this mode, a frame may con-
sist of up to 64 time-slots of 8 bits each. A time-slot
is assignedby a 2-byte instructionas shown in table
1 and 6. The last 6 bits of the second byte indicate
the selected time-slot from 0-63 using straight bi-
nary notation. A new assignment becomes active
on the second frame following the end of the Chip
Select for the second control byte. The ”EN” bit al-
lows the PCM inputs DR0/1 or outputs DX0/1 as ap-
propriate, to be enabled or disabled.
Time-Slot Assignment mode requires that the FSX
and FSR pulses must conform to the delayed timing
format shown in figure 6.
PORT SELECTION
On the TS5070 only, an additional capability is
available : 2 Transmit serial PCM ports, DX0 and
DX1, and 2 receive serial PCM ports, DR0 and DR1,
are provided to enable two-way space switching to
be implemented. Port selections for transmit and
receive are made within the appropriate time-slot
assignmentinstruction using the ”PS” bit in the sec-
ond byte.
On the TS5071, only ports DX0 and DR0 are avail-
able, therefore the ”PS” bit MUST always be set to
0 for these devices.
Table 6 shows the format for the second byte of
both transmit and receive time-slot and port assign-
ment instructions.
TRANSMIT GAIN INSTRUCTION BYTE 2
The transmit gain can be programmed in 0.1 dB
steps by writing to the Transmit Gain Register as
defined in tables 1 and 7. This corresponds to a
range of 0 dBm0 levels at VFXI between 1.619
Vrms and 0.087 Vrms (equivalent to + 6.4 dBm to
– 19.0 dBm in 600
Ω).
To calculate the binary code for byte 2 of this in-
struction for any desired input 0 dBm0 level in
Vrms, take the nearest integer to the decimal
number given by :
and convert to the binary equivalent. Some exam-
ples are given in table 7.
Bit Number
0dBm0 Test Leve at VFXI
7
6
5
4
3
2
1
0
In dBm (Into 600
Ω)
In Vrms (approx.)
0
0
0
0
0
0
0
0
No Output
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
–19
– 18.9
0.087
0.088
1
0
1
1
1
1
1
1
0
0.775
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
+6.3
+6.4
1.60
1.62
Table 7: Byte 2 of Transmit Gain Instructions.
(*) State at power initialization
RECEIVE GAIN INSTRUCTION BYTE 2
The receive gain can be programmed in 0.1 dB
steps by writing to the Receive Gain Register as de-
fined in table 1 and 8. Note the following restriction
on output drive capability :
a) 0 dBm0 levels
≤ 8.1dBm at VFRO may be
driven into a load of
≥ 15 kΩ to GND,
b) 0 dBm0 levels
≤ 7.6dBm at VFRO may be
driven into a load of
≥ 600 Ω to GND,
c) 0 dBm levels
≤ 6.9dBm at VFRO may be driven
into a load of
≥ 300 Ω to GND.
To calculate the binary code for byte 2 of this in-
struction for any desired output 0 dBm0 level in
Vrms, take the nearest integer to the decimal num-
ber given by :
a
n
d convert to the binary equivalent. Some exam-
ples are given in table 8.
200 X log10 (V/
√6 ) + 191
200 X log10 (V/
√6 ) + 174
TS5070 - TS5071
11/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com