Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5070FNTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS5070FNTR
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS5070FNTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS5070FNTR Datasheet HTML 20Page - STMicroelectronics TS5070FNTR Datasheet HTML 21Page - STMicroelectronics TS5070FNTR Datasheet HTML 22Page - STMicroelectronics TS5070FNTR Datasheet HTML 23Page - STMicroelectronics TS5070FNTR Datasheet HTML 24Page - STMicroelectronics TS5070FNTR Datasheet HTML 25Page - STMicroelectronics TS5070FNTR Datasheet HTML 26Page - STMicroelectronics TS5070FNTR Datasheet HTML 27Page - STMicroelectronics TS5070FNTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AMPLITUDE RESPONSE (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
GRAT
Receive Gain Variation with Temperature
Measure Relative to GRA
VCC = 5V, VSS = -5V -17dBm < 0dBm0 < 8.1dBm
-0.1
0.1
dB
GRAV
Receive Gain Variation with Supply
Measured Relative to GRA
VCC =5V
± 5%, VSS = -5V ± 5%
TA =25
°C, 0dBm 0 = 8.1 dBm
-0.05
0.05
dB
GRAF
Receive Gain Variation with Frequency
Relative to 1015.625 Hz, (note 2)
DR0orDR1 = 0 dBm0 Code
-17.3dBm < 0 dBm0 < 8.1dBm
f = 200Hz
f = 300Hz to 3000Hz
f = 3400Hz
f = 4000Hz
GR = 0dBm0 = 8.1dBm
DR0 = -4dBm0
Relative to 1015.625 (note 2)
f = 296.875 Hz
f = 1906.250Hz
f = 2812.500Hz
f = 2984.375Hz
f = 3406.250Hz
f = 3984.375Hz
-0.25
-0.15
-0.7
-0.15
-0.15
-0.15
-0.15
-0.74
0.15
0.15
0
-14
0.15
0.15
0.15
0.15
0
-13.5
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
GRAL
Receive Gain Variation with Signal Level
Sinusoidal Test Method Reference Level = 0dBm0
DR0 = -40dBm0 to +3dBm0
DR0 = -50dBm0 to -40dBm0
DR0 = -55dBm0 to -50dBm0
DR0 = 3.1dBm0
RL = 600
Ω, 0dBm0 = 7.6dBm
RL = 300
Ω, 0dBm0 = 6.9dBm
-0.2
-0.4
-1.2
-0.2
-0.2
0.2
0.4
1.2
0.2
0.2
dB
dB
dB
dB
dB
TS5070 - TS5071
24/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com