Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 3Page - Analog Devices ADV7181CBSTZ Datasheet HTML 4Page - Analog Devices ADV7181CBSTZ Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ Datasheet HTML 9Page - Analog Devices ADV7181CBSTZ Datasheet HTML 10Page - Analog Devices ADV7181CBSTZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV7181C
Rev. 0 | Page 7 of 20
ANALOG SPECIFICATIONS
AVDD = 3.1.5 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. TMIN to TMAX = −40°C to +85°C,
unless otherwise noted. Recommended analog input video signal range: 0.5 V to 1.6 V, typically 1 V p-p.
Table 4.
Parameter1, 2
Test Conditions
Min
Typ
Max
Unit
CLAMP CIRCUITRY
External Clamp Capacitor
0.1
μF
Input Impedance; Except Pin 34 (FB)
Clamps switched off
10
MΩ
Input Impedance of Pin 34 (FB)
20
kΩ
CML
1.86
V
ADC Full-Scale Level
CML + 0.8 V
V
ADC Zero-Scale level
CML − 0.8 V
V
ADC Dynamic Range
1.6
V
Clamp Level (When Locked)
CVBS input
CML – 0.292 V
V
SCART RGB input (R, G, B signals)
CML – 0.4 V
V
S-Video input (Y signal)
CML – 0.292 V
V
S-Video input (C signal)
CML – 0 V
V
Component input (Y, Pr, Pb signals)
CML – 0.3 V
V
PC RGB input (R, G, B signals)
CML – 0.3 V
V
Large Clamp Source Current
SDP only
0.75
mA
Large Clamp Sink Current
SDP only
0.9
mA
Fine Clamp Source Current
SDP only
17
μA
Fine Clamp Sink Current
SDP only
17
μA
1 The minimum/maximum specifications are guaranteed over this range.
2 Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com