Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7181CBSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7181CBSTZ
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7181CBSTZ Datasheet HTML 12Page - Analog Devices ADV7181CBSTZ Datasheet HTML 13Page - Analog Devices ADV7181CBSTZ Datasheet HTML 14Page - Analog Devices ADV7181CBSTZ Datasheet HTML 15Page - Analog Devices ADV7181CBSTZ Datasheet HTML 16Page - Analog Devices ADV7181CBSTZ Datasheet HTML 17Page - Analog Devices ADV7181CBSTZ Datasheet HTML 18Page - Analog Devices ADV7181CBSTZ Datasheet HTML 19Page - Analog Devices ADV7181CBSTZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV7181C
Rev. 0 | Page 16 of 20
PIXEL OUTPUT FORMATTING
Table 10. Pixel Output Formats
Processor, Format,
and Mode
Pixel Port Pins P[19:0]
19
18
17
16
15
14
13
12
11 10 9
8
7
6
5
4
3
2
1
0
SDP
Video output
8-bit 4:2:2
YCrCb[7:0]
SDP
Video output
10-bit 4:2:2
YCrCb[9:0]
SDP
Video output
16-bit 4:2:2
Y[7:0]
CrCb[7:0]
SDP
Video output
20-bit 4:2:2
Y[9:0]
CrCb[7:0]
CP
Video output
12-bit 4:4:4
RGB DDR
D71
B[7]
↑
R[3]
↓
D61
B[6]
↑
R[2]
↓
D51
B[5]
↑
R[1]
↓
D41
B[4]
↑
R[0]
↓
D31
B[3]
↑
G[7]
↓
D21
B[2]
↑
G[6]
↓
D11
B[1]
↑
G[5]
↓
D01
B[0]
↑
G[4]
↓
D111
G[3]
↑
R[7]
↓
D101
G[2]
↑
R[6]
↓
D91
G[1]
↑
R[5]
↓
D81
G[0]
↑
R[4]
↓
CP
Video output
16-bit 4:2:2
CHA[7:0] (for example, Y[7:0])
CHB/C[7:0] (for example, Cr/Cb[7:0])
CP
Video output
20-bit 4:2:2
CHA[9:0] (for example, Y[9:0])
CHB/C[9:0] (for example, Cr/Cb[9:0])
1
↑ indicates data clocked on the rising edge of LLC, ↓ indicates data clocked on the falling edge of LLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com