Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSW5070FN Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSW5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSW5070FN Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSW5070FN Datasheet HTML 22Page - STMicroelectronics TSW5070FN Datasheet HTML 23Page - STMicroelectronics TSW5070FN Datasheet HTML 24Page - STMicroelectronics TSW5070FN Datasheet HTML 25Page - STMicroelectronics TSW5070FN Datasheet HTML 26Page - STMicroelectronics TSW5070FN Datasheet HTML 27Page - STMicroelectronics TSW5070FN Datasheet HTML 28Page - STMicroelectronics TSW5070FN Datasheet HTML 29Page - STMicroelectronics TSW5070FN Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
NOISE
Symbol
Parameter
Min.
Typ.
Max.
Unit
NXC
Transmit Noise, C Message Weighted
µ-law Selected (note 3)
0 dBm0 = 6.4dBm
12
15
dBrnC0
NXP
Transmit Noise, Psophometric Weighted
A-law Selected (note 3)
0 dBm0 = 6.4dBm
-74
-67
dBm0p
NRC
Receive Noise, C Message Weighted
µ-law Selected
PCM code is alternating positive and negative zero
811
dBrnC0
NRP
Receive Noise, Psophometric Weighted
A-law Selected
PCM Code Equals Positive Zero
-82
-79
dBm0p
NRS
Noise, Single Frequency
f = 0Hz to 100kHz, Loop Around Measurement VFXI = 0Vrms
-53
dBm0
PPSRX
Positive Power Supply Rejection Transmit
VCC =5VDC + 100mVrms
f = 0Hz to 4000Hz (note 4)
f = 4kHz to 50kHz
30
30
dBp
dBp
NPSRX
Negative Power Supply Rejection Transmit
VSS = -5VDC + 100mVrms
f = 0Hz to 4000Hz (note 4)
f = 4kHz to 50kHz
30
30
dBp
dBp
PPSRR
Positive Power Supply Rejection Receive
PCM Code Equals Positive Zero
VCC =5VDC + 100mVrms
Measure VFR0
f = 0Hz to 4000Hz
f = 4kHz to 25kHz
f = 25kHz to 50kHz
30
40
36
dBp
dB
dB
NPSRR
Negative Power Supply Rejection Receive
PCM Code Equals Positive Zero
VSS = -5VDC + 100mVrms
Measure VFR0
f = 0Hz to 4000Hz
f = 4kHz to 25kHz
f = 25kHz to 50kHz
30
40
36
dBp
dB
dB
SOS
Spurious Out-of Band Signals at the Channel Output
0dBm0 300Hz to 3400Hz input PCM code applied at DR0(DR1)
Relative to f = 1062.5Hz
4600Hz to 7600Hz
7600Hz to 8400Hz
8400Hz to 50000Hz
-30
-40
-30
dB
dB
dB
TS5070 - TS5071
26/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com