Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSW5070FN Datasheet(PDF) 27 Page - STMicroelectronics

Part # TSW5070FN
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSW5070FN Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TSW5070FN Datasheet HTML 23Page - STMicroelectronics TSW5070FN Datasheet HTML 24Page - STMicroelectronics TSW5070FN Datasheet HTML 25Page - STMicroelectronics TSW5070FN Datasheet HTML 26Page - STMicroelectronics TSW5070FN Datasheet HTML 27Page - STMicroelectronics TSW5070FN Datasheet HTML 28Page - STMicroelectronics TSW5070FN Datasheet HTML 29Page - STMicroelectronics TSW5070FN Datasheet HTML 30Page - STMicroelectronics TSW5070FN Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
DISTORTION
Symbol
Parameter
Min.
Typ.
Max.
Unit
STDX
Signal to Total Distortion Transmit
Sinusoidal Test Method
Half Channel
Level = 3dBm0
Level = -30dBm0 to 0dBm0
Level = -40dBm0
Level = -45dBm0
33
36
30
25
dBp
dBp
dBp
dBp
STDR
Signal to Total Distortion Receive
Sinusoidal Test Method
Half Channel
Level = 3dBm0
Level = -30dBm0 to 0dBm0
Level = -40dBm0
Level = -45dBm0
33
36
30
25
dBp
dBp
dBp
dBp
SFDX
Single Frequency Distortion Transmit
-46
dB
SFDR
Single Frequency Distortion Receive
-46
dB
IMD
Intermodulation Distortion Transmit or Receive
Two Frequencies in the Range 300Hz to 3400Hz
-41
dB
CROSSTALK
Symbol
Parameter
Min.
Typ.
Max.
Unit
CTX-R
Transmit to Receive Crosstalk,
0dBm0 Transmit Level
f = 300 to 3400Hz
DR = Idle PCM Code
-90
-75
dB
CTR-X
Receive to Transmit Crosstalk,
0dBm0 Receive Level
f = 300 to 3400Hz (note 4)
-90
-70
dB
Notes:
1. Applies only to MCLK frequencies
≥ 1.536 MHz. At 512 kHz A 50:50 ± 2 % duty cycle must be used.
2. A multi-tone test technique is used (peak/rms
≤ 9.5 dB).
3. Measured by grounded input at VFXI.
4. PPSRX, NPSRX and CTR-X are measured with a – 50 dBm0 activation signal applied to VFXI.
A signal is Valid if it is above VIH or below VIL and invalid if it is between VIL and VIH. For the purpose of the specification the following conditions
apply :
a) All input signals are defined as VIL = 0.4 V, VIH = 2.7 V, tR < 10 ns, tF 10 ns
b) tR is measured from VIL to VIH,tF is measured from VIH to VIL
c) Delay Times are measured from the input signal Valid to the clock input invalid
d) Setup Times are measured from the data input Valid to the clock input invalid
e) Hold Times are measured from the clock signal Valid to the data input invalid
f) Pulse widths are measured from VIL to VIL or from VIH to VIH
TS5070 - TS5071
27/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com