Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSW5070FNTR Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSW5070FNTR
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSW5070FNTR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSW5070FNTR Datasheet HTML 14Page - STMicroelectronics TSW5070FNTR Datasheet HTML 15Page - STMicroelectronics TSW5070FNTR Datasheet HTML 16Page - STMicroelectronics TSW5070FNTR Datasheet HTML 17Page - STMicroelectronics TSW5070FNTR Datasheet HTML 18Page - STMicroelectronics TSW5070FNTR Datasheet HTML 19Page - STMicroelectronics TSW5070FNTR Datasheet HTML 20Page - STMicroelectronics TSW5070FNTR Datasheet HTML 21Page - STMicroelectronics TSW5070FNTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
TIMING SPECIFICATIONS
Unless otherwisenoted,limits in BOLD charactersare
guaranteed for VCC =+ 5 V
± 5%; VSS = -5V ± 5%.
TA = -40
°Cto 85 °C by correlation with 100 % elec-
trical testing at TA =25
°C. All other limits are as-
sured by correlation with other production tests
and/or product design and characterization. All sig-
nals referenced to GND. Typicals specified at
VCC =+ 5 V, VSS =-5 V, TA =25
°C. All timing pa-
rametersaremeasuredat VOH =2.0V andVOL =0.7 V.
See Definitions and Timing Conventions section
for test methods information.
ELECTRICAL OPERATING CHARACTERISTICS (continued)
POWER DISSIPATION
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC0
Power Down Current (CCLK, CI/O, CI = 0.4V, CS = 2.4V)
Interface Latches set as Outputs with no load
All over Inputs active, Power Amp Disabled
0.3
1.5
mA
-ISS0
Power Down Current (as above)
0.1
0.3
mA
ICC1
Power Up Current (CCLK, CI/O, CI = 0.4V, CS = 2.4V)
No Load on Power Amp
Interface Latches set as Outputs with no Load
7
11
mA
-ISS1
Power Up Current (as above)
7
11
mA
ICC2
Power Down Current with Power Amp Enabled
2
4
mA
-ISS2
Power Down Current with Power Amp Enabled
2
4
mA
MASTER CLOCK TIMING
Symbol
Parameter
Min.
Typ.
Max.
Unit
fMCLK
Frequency of MCLK
(selection of frequency is programmable, see table 2)
512
1.536
1.544
2.048
4.096
kHz
MHz
MHz
MHz
MHz
tWMH
Period of MCLK High (measured from VIH to VIH, see note 1)
80
ns
tWML
Period of MCLK Low (measured from VIL to VIL, see note 1 )
80
ns
tRM
Rise Time of MCLK (measured from VIL or VIH)30
ns
tFM
Fall Time of MCLK (measured from VIH to VIL)30
tHBM
Hold Time, BCLK Low to MCLK High (TS5070 only)
50
ns
tWFL
Period of FSX or FSR Low (Measured from VIL to VIL)
1
(*)
(*) MCLK period
TS5070 - TS5071
18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com