Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSW5070FNTR Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSW5070FNTR
Description  PROGRAMMABLE CODEC/FILTER COMBO 2ND GENERATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSW5070FNTR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSW5070FNTR Datasheet HTML 18Page - STMicroelectronics TSW5070FNTR Datasheet HTML 19Page - STMicroelectronics TSW5070FNTR Datasheet HTML 20Page - STMicroelectronics TSW5070FNTR Datasheet HTML 21Page - STMicroelectronics TSW5070FNTR Datasheet HTML 22Page - STMicroelectronics TSW5070FNTR Datasheet HTML 23Page - STMicroelectronics TSW5070FNTR Datasheet HTML 24Page - STMicroelectronics TSW5070FNTR Datasheet HTML 25Page - STMicroelectronics TSW5070FNTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
TRANSMISSION CHARACTERISTICS
Unless otherwise noted, limits printed in BOLD
characters are guaranteed for VCC =+5 V
± 5% ;
VSS =– 5 V
± 5%, TA =-40°Cto 85 °C bycorrelation
with 100 % electrical testing at TA =25
°C (-40°C
to 85
°C for TS5070-Xand TS5071-X).
f = 1031.25 Hz, VFXI = 0 dBm0, DR0or DR1= 0
dBm0 PCM code, Hybrid Balance filter disabled. All
other limits are assured by correlation with other
production tests and/or product design and char-
acterization. All signals referenced to GND. dBm
levels are into 600 ohms. Typicals specified at
VCC =+5 V, VSS =-5 V, TA =25
°C.
AMPLITUDE RESPONSE
Symbol
Parameter
Min.
Typ.
Max.
Unit
Absolute levels
The nominal 0 dBm 0 levels are :
VFXI
0 dB Tx Gain
25.4 dB Tx Gain
VFRO
0 dB Rx Attenuation (RL
≥ 15 kΩ)
0.5 dB Rx Attenuation (RL
≥ 600 Ω)
1.2 dB Rx Attenuation (RL
≥ 300 Ω)
25.4 dB Rx Attenuation
1.618
86.9
1.968
1.858
1.714
105.7
Vrms
mVrms
Vrms
Vrms
Vrms
mVrms
Maximum Overload
The nominal overload levels are :
A-law
VFXI
0 dB Tx Gain
25.4 dB Tx Gain
VFRO
0 dB Rx Attenuation (RL
≥ 15 kΩ)
0.5 dB Rx Attenuation (RL
≥ 300 Ω)
1.2 dB Rx Attenuation (RL
≥ 300 Ω)
25.4 dB Rx Attenuation
µ-law
VFXI
0 dB Tx Gain
25.4 dB Tx Gain
VFRO
0 dB Rx Attenuation (RL
≥ 15 kΩ)
0.5 dB Rx Attenuation (RL
≥ 600 Ω)
1.2 dB Rx Attenuation (RL
≥ 300 Ω)
25.4 dB Rx Attenuation
2.323
124.8
2.825
2.667
2.461
151.7
2.332
125.2
2.836
2.677
2.470
152.3
Vrms
mVrms
Vrms
Vrms
Vrms
mVrms
Vrms
mVrms
Vrms
Vrms
Vrms
mVrms
GXA
Transmit Gain Absolute Accurary
Transmit Gain Programmed for 0 dBm0 = 6.4 dBm, A-law
Measure Deviation of Digital Code from Ideal 0 dBm0 PCM Code
at DX0/1, f = 1031.25 Hz
TA =25
°C, VCC = 5 V, VSS = –5V
– 0.15
0.15
dB
GXAG
Transmit gain Variation with Programmed Gain
Programmed level from
-12.6dBm
≤ 0dBm ≤ 6.4dBm
Programmed level from
-19dBm
≤ 0dBm ≤ 12.7dBm
Note:
±0.1dB min/max is available as a selected part
Calculate the Deviation from the Programmed Gain Relative to
GXA
i.e., GXAG = Gactual – Gprog – GXA
TA =25
°C, VCC = 5 V, VSS = –5V
– 0.1
– 0.3
0.1
0.3
dB
dB
TS5070 - TS5071
22/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com