Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM14C1D-E20-R032S Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # EM14C1D-E20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14C1D-E20-R032S Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  EM14C1D-E20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Features
■
Lead free
■
HCMOS, CMOS and TTL compatible
■
Compact package size
■
High rotational cycle life
■
Standard or high force push switch option
■
Optional detent
■
Splashproof shaft seal
■
Recommended for human/machine
interface applications (HMI)
■
Cable/connector option
■
Optional bracket
Electrical Characteristics
Electrical Output ......................................................................................................................................................................................2-bit quadrature code
Resolution ............................................................................................................................................................................8 to 64 pulses per revolution (PPR)
Supply Voltage (VCC) ..................................................................................................................................................................................5.0 VDC ± 0.25 VDC
Supply Current (ICC) ........................................................................................................................................................................................26 mA maximum
Output Voltage
Low (VCE(sat)), per Channel ..........................................................................................................................................800 mV maximum at I(SINK) = 25 mA
High (VO(HI)), per Channel ..........................................................................................................................................4.0 VDC minimum @ VCC = 4.75 VDC
Output Current I(SINK), per Channel ..................................................................................................................................................................25 mA minimum
Rise/Fall Time ........................................................................................................................................................................................................200 ns typical
Power Dissipation..........................................................................................................................................................................................167 mW maximum
Pulse Width (per Channel) ....................................................................................................................................................................................180 °e typical
Phase Angle (Channel A Leads Channel B, Clockwise Rotation) ..........................................................................................................................90 °e ± 45 °e
Insulation Resistance @ 500 VDC ....................................................................................................................................................1,000 megohms minimum
Operating RPM ....................................................................................................................................................................................................120 maximum
Switch Power Rating ............................................................................................................................................12 VDC / 20 mA (600 ohms maximum load)
Switch Contact Resistance ........................................................................................................................................................................200 ohms maximum
Environmental Characteristics
Operating Temperature Range @ 5.0 VDC........................................................................................................................-40 °C to +70 °C (-40 °F to +158 °F)
Storage Temperature Range............................................................................................................................................-55 ºC to +125 ºC (-67 °F to +257 °F)
Vibration ..............................................................................................................................................................................................................................15 G
Shock ..................................................................................................................................................................................................................................50 G
Humidity ......................................................................................................................................................................MIL-STD-202, Method 103, Condition B
Flammability ............................................................................................................................................................................................Conforms to UL 94HB
IP Rating ............................................................................................................................................................................................................................IP 54*
Mechanical Characteristics
Mechanical Angle ............................................................................................................................................................................................360 ° Continuous
Torque
Starting/Running ................................................................................................................................................................1.06 N-cm (1.5 oz.-in.) maximum
Detent ........................................................................................................................................................................................1.2 N-cm (1.7 oz.-in.) typical
Rotational Life
Non-detent (@ 30 RPM)..........................................................................................................................................1,000,000 cycles (2,000,000 revolutions)
With detent (@ 30 RPM) ..............................................................................................................................................100,000 cycles (200,000 revolutions)
Switch Life ..........................................................................................................................................................................................................100,000 cycles
Switch Actuation Force
Standard ..........................................................................................................................................................................................250 gm (8.82 oz.) typical
High Force ....................................................................................................................................................................................850 gm (29.98 oz.) typical
Switch Travel ........................................................................................................................................................................................................0.04 in. typical
Shaft Radial Play ..........................................................................................................................................................................................0.005 in. maximum
Shaft Axial Structural Strength..........................................................................................................................................................................35 lbs. minimum
Mounting Torque ..........................................................................................................................................................................2.0 N-m (18 lb.-in.) maximum
Materials and Finishes
Terminals ........................................................................................................................................................................................................Sn plated PC pins
Soldering Condition
Manual Soldering ....................................................................................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering ..............................................................................................................................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 5 seconds
Wash processes ........................................................................................................................................................................................Not recommended
Mounting Hardware
Nut ..............................................................................................................................Black annodized brass, hex (metric)/Nickel-plated brass, hex (SAE)
Lockwasher ............................................................................................................................................................Nickel-plated spring steel, internal tooth
Marking ..................................................................................................Manufacturer’s symbol, model number, product code, terminal style and date code
Standard Packaging ..........................................................................................................................................................Antistatic plastic tube (25 pcs./tube)
*When device is mounted by normal mounting means.


Similar Part No. - EM14C1D-E20-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14C1D-E24-L008S BOURNS-EM14C1D-E24-L008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14C1D-E24-L016S BOURNS-EM14C1D-E24-L016S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14C1D-E24-R008S BOURNS-EM14C1D-E24-R008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14C1D-E24-R016S BOURNS-EM14C1D-E24-R016S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14C1D-E28-L008S BOURNS-EM14C1D-E28-L008S Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
More results

Similar Description - EM14C1D-E20-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
Rotary Optical Encoder
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
EN - Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
EN - Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
Rotary Optical Encoder
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
EM14 - 14 mm Rotary Optical Encoder w/Switch
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
DIGITAL OPTICAL ROTARY ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com