Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM14C1D-E20-R032S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # EM14C1D-E20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14C1D-E20-R032S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  EM14C1D-E20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14C1D-E20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Product Dimensions
F
L
14.25
(0.561)
R
ANTI-ROTATION BOSS
(OPTIONAL)
HIGH
X
1.19
(.047)
.79
(.031)
3.18
(.125)
TYP.
"L" PIN STYLE
TYP.
"L" PIN STYLE
TYP.
"R" PIN STYLE
10.03
(.395)
MOUNTING
SURFACE
9.53
(.375)
1.52
(.060)
1.75
(.069)
DIA.
0.457 ± 0.026
(.018 ± .001)
TYP.
"R" PIN STYLE
2.08
(.082)
14.76
(.581)
8.00
(.315)
4.76
(.187)
METAL BUSHING
(SEE TABLE FOR OPTIONS)
METAL SHAFT
(SEE TABLE FOR OPTIONS)
F
SHAFT
DIA.
BUSHING
DIA.
SHAFT LENGTH
"L"
FLAT LENGTH
"F"
L
9.53
(.375)
0.79
(.031)
4.76
(.187)
6.35
(.250)
9.52
(.375)
19.05
(.750)
7.94
(.313)
22.22
(.875)
9.52
(.375)
3/8-32 UNEF-2A
"A" Style Bushing - Flatted Shafts
"R" Style Bushing - Flatted Shafts
"C" Style Bushing - Slotted Shafts
"A" Style Bushing - Slotted Shafts
"R" Style Bushing - Slotted Shafts
L
6.35
(.250)
1/4-32 UNEF-2A
M10 x 0.75-6 g
3/8-32 UNEF-2A
F
L
9.5
(.374)
1.52
(.060)
0.99
(.040)
0.99
(.040)
L
9.5
(.374)
1.8
(.071)
L
9.53
(.375)
1.8
(.071)
4.42
(.174)
M10 x 0.75-6 g
SHAFT
DIA.
BUSHING
DIA.
SHAFT LENGTH
"L"
FLAT LENGTH
"F"
6.0
(.236)
10.0
(.394)
20.0
(.787)
7.0
(.275)
25.0
(.984)
12.0
(.472)
SHAFT
DIA.
BUSHING
DIA.
SHAFT LENGTH
"L"
6.35
(.250)
9.52
(.375)
19.05
(.750)
22.22
(.875)
SHAFT
DIA.
BUSHING
DIA.
SHAFT LENGTH
"L"
6.35
(.250)
9.52
(.375)
19.05
(.750)
22.22
(.875)
SHAFT
DIA.
BUSHING
DIA.
SHAFT LENGTH
"L"
6.0
(.236)
10.0
(.394)
20.0
(.787)
25.0
(.984)
Shaft / Flat Length Dimensions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com