Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM14C0A-R20-R032S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # EM14C0A-R20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14C0A-R20-R032S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  EM14C0A-R20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Part Numbering System
E M 14
A
0
D
-
C 24
-
L
0
3S
2
EM14 14 mm Rotary Optical Encoder
Code
A
C
R
Description
3/8 " D x 3/8 " L Threaded
1/4 " D x 1/4 " L Threaded
10 mm D x 9.5 mm L Threaded
BUSHING DESIGNATOR
Code
08
16
32
64
Description
8 PPR
16 PPR
32 PPR
64 PPR
RESOLUTION (Pulses Per Revolution)
Code
0
1
2
3
4
Description
No Cable/Connector
6 ” Cable with Female Connector
(0.050 ”/1.27 mm pitch centers in-line)
and stripped/tinned leads
6 ” Cable with Female Connector
(0.050 ”/1.27 mm pitch centers in-line)
on both ends
12 ” Cable with Female Connector
(0.050 ”/1.27 mm pitch centers in-line)
and stripped/tinned leads
12 ” Cable with Female Connector
(0.050 ”/1.27 mm pitch centers in-line)
on both ends
Cable and Connector Options:
H-190-4 = 6 ” Cable with Female Connector (0.050 ”/1.27 mm pitch centers in-line) and stripped/tinned leads
H-190-1 = 6 ” Cable with Female Connector (0.050 ”/1.27 mm pitch centers in-line) on both ends
H-190-2 = 12 ” Cable with Female Connector (0.050 ”/1.27 mm pitch centers in-line) and stripped/tinned leads
H-190-3 = 12 ” Cable with Female Connector (0.050 ”/1.27 mm pitch centers in-line) on both ends
For other cable and connector options, please contact the factory.
CABLE/CONNECTOR OPTION
MODEL NO. DESIGNATOR
Code
A
B
D
Description
A/R Lug
Bracket (No hardware/no cable or
connector)
None
ANTI-ROTATION LUG/BRACKET OPTION
Code
0
1
Description
No Detent
32 Detents (Available for
8 or 32 PPR only)
DETENT OPTION
Code
S
H
N
Description
Push Switch (Standard)
Push Switch (High Force)
No Switch
SWITCH OPTION
Code
L
R
Description
Axial Multi-Purpose Pin
Radial Multi-Purpose Pin
TERMINAL CONFIGURATION
Code
B
C
E
R
M
Description
1/4 " Dia. Slotted End
1/4 " Dia. Flatted End
1/8 " Dia. Slotted End
6 mm Dia. Slotted End
6 mm Dia. Flatted End
Available w/
Bushing
A
A
C
R
R
SHAFT STYLE (See Outline Drawing for Details)
Code
24
28
20
25
Length (FMS)
3/4 "
7/8 "
20 mm
25 mm
Available w/Bushing
A, C
A, C
R, U
R, U
SHAFT LENGTH DESIGNATOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com