Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM14C0A-R20-R032S Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # EM14C0A-R20-R032S
Description  Rotary Optical Encoder w/Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14C0A-R20-R032S Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  EM14C0A-R20-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14C0A-R20-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
EM14 - 14 mm Rotary Optical Encoder w/Switch
Cable/Connector Options
Terminal Configurations
Cable Assembly, Connector on One End
Cable Assembly, Connector on Both Ends
A
3.98
(.157)
REF.
REF.
REF.
2.7
(.106)
6.0
(.236)
1.0
(.039)
1.27
(.050)
1.27
(.050)
.457
(.018)
STRIPPED AND TINNED
100 % MATTE TIN
RIBBON CABLE
6x28 AWG x
PITCH
PIN 1 - RED STRIPE
CONNECTOR
RECEPTACLE
DIA. PINS
FOR
PITCH
x
x
6.0
(.236)
1.0
(.039)
1.27
(.050)
.457
(.018)
2 x CONNECTOR
RECEPTACLE
DIA. PINS
FOR
PITCH
x
x
2.54
(.100)
A
8.0
(.315)
1.27
(.050)
RIBBON CABLE
6x28 AWG x
PITCH
PIN 1 - RED STRIPE
HARDWARE
NUMBER
H-190-4
DESCRIPTION
CABLE ASSEMBLY,
CONNECTOR
ON ONE END
“A” DIM.
304.8 ± 5.0
(12.0 ± .197)
152.4 ± 5.0
(6.0 ± .197)
H-190-2
CABLE ASSEMBLY,
CONNECTOR
ON ONE END
H-190-1
CABLE ASSEMBLY,
CONNECTOR
ON BOTH ENDS
304.8 ± 5.0
(12.0 ± .197)
152.4 ± 5.0
(6.0 ± .197)
H-190-3
CABLE ASSEMBLY,
CONNECTOR
ON BOTH ENDS
14.99 ± .13
(.590 ± .005)
17.17
(.676)
REF.
14.61
(.575)
1.73 ± .10
(.068 ± .004)
2 PLCS.
5 PLCS.
Radial
Axial
Recommended PCB Layout
DIA.
DIA.
1.27 ± .13
(.050 ± .005)
6 PLCS.
.64
(.025)
1.5
(.059)
WIDE
0.381
(.015)
THICK
X
GROUND
CHANNEL “B”
MOMENTARY
SWITCH
CHANNEL “A”
POWER
GROUND
CHANNEL “B”
MOMENTARY
SWITCH
CHANNEL “A”
POWER
1.60
(.063)
REF.
PCB
THICKNESS
REF.
1.24
(.049)
2.62 ± .38
(.103 ± .015)
7.87 ± .08
(.310 ± .003)
15.16 ± .25
(.597 ± .010)
15.76 ± .25
(.581 ± .010)
7.87
(.310)
1.73 ± .10
(.068 ± .004)
2 PLCS.
5 PLCS.
Recommended PCB Layout
DIA.
DIA.
1.27 ± .13
(.050 ± .005)
6 PLCS.
.64
(.025)
6.25 ± .08
(.246 ± .003)
14.99 ± .25
(.590 ± .010)
17.17
(.676)
10.57
(.416)
1.60
(.063)
REF.
PCB THICKNESS
1.22
(.048)
2.49 ± .38
(.098 ± .015)
6.25
(.246)
REF.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com