Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616IDWT Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS616IDWT
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS616IDWT Datasheet HTML 15Page - STMicroelectronics TS616IDWT Datasheet HTML 16Page - STMicroelectronics TS616IDWT Datasheet HTML 17Page - STMicroelectronics TS616IDWT Datasheet HTML 18Page - STMicroelectronics TS616IDWT Datasheet HTML 19Page - STMicroelectronics TS616IDWT Datasheet HTML 20Page - STMicroelectronics TS616IDWT Datasheet HTML 21Page - STMicroelectronics TS616IDWT Datasheet HTML 22Page - STMicroelectronics TS616IDWT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TS616
19/27
Figure 57: Schematic Diagram
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R206
R208
R209
R210
R215
R214
6
5
7
R219
R218
J205
J206
J207
J208
J209
J211
J210
Inverting
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R209
R215
R214
6
5
7
R219
R218
J206
J208
J211
J210
Non-Inverting
Summing Amplifier
_
+
3
2
1
1/2
TS616
R207
R206
R214
R218
J205
J206
J210
Differential Amplifier
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R210
R215
R214
6
5
7
R219
R218
J206
J209
J211
J210
_
+
_
+
3
1
1/2
TS616
1/2
TS616
6
5
7
+Vcc
-Vcc
C205
100nF
C206
100nF
+Vcc
-Vcc
J201
J202
J303
+Vcc
-Vcc
GND
8
4
+Vcc
-Vcc
J204
1
2
3
2
Power Supply
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R206
R208
R209
R210
R215
R214
6
5
7
R219
R218
J205
J206
J207
J208
J209
J211
J210
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R206
R208
R209
R210
R215
R214
6
5
7
R219
R218
J205
J206
J207
J208
J209
J211
J210
Inverting
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R209
R215
R214
6
5
7
R219
R218
J206
J208
J211
J210
Non-Inverting
Summing Amplifier
_
+
3
2
1
1/2
TS616
R207
R206
R214
R218
J205
J206
J210
Differential Amplifier
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R210
R215
R214
6
5
7
R219
R218
J206
J209
J211
J210
Differential Amplifier
_
+
_
+
3
2
1
1/2
TS616
1/2
TS616
R207
R210
R215
R214
6
5
7
R219
R218
J206
J209
J211
J210
_
+
_
+
3
1
1/2
TS616
1/2
TS616
6
5
7
+Vcc
-Vcc
C205
100nF
C206
100nF
+Vcc
-Vcc
J201
J202
J303
+Vcc
-Vcc
GND
8
4
+Vcc
-Vcc
J204
1
2
3
2
Power Supply
_
+
_
+
3
1
1/2
TS616
1/2
TS616
6
5
7
+Vcc
-Vcc
C205
100nF
C206
100nF
+Vcc
-Vcc
J201
J202
J303
+Vcc
-Vcc
GND
8
4
+Vcc
-Vcc
J204
1
2
3
2 _
+
_
+
3
1
1/2
TS616
1/2
TS616
6
5
7
+Vcc
-Vcc
C205
100nF
C206
100nF
+Vcc
-Vcc
J201
J202
J303
+Vcc
-Vcc
GND
8
4
+Vcc
-Vcc
J204
1
2
3
2
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com