Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616IDWT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS616IDWT
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616IDWT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS616IDWT Datasheet HTML 19Page - STMicroelectronics TS616IDWT Datasheet HTML 20Page - STMicroelectronics TS616IDWT Datasheet HTML 21Page - STMicroelectronics TS616IDWT Datasheet HTML 22Page - STMicroelectronics TS616IDWT Datasheet HTML 23Page - STMicroelectronics TS616IDWT Datasheet HTML 24Page - STMicroelectronics TS616IDWT Datasheet HTML 25Page - STMicroelectronics TS616IDWT Datasheet HTML 26Page - STMicroelectronics TS616IDWT Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
TS616
23/27
this bias current (30
µA max.) as the 1% of the cur-
rent through the resistance divider to keep a sta-
ble mid-supply, two resistances of 2.2k
Ω can be
used in the case of a 12V power supply and two
resistances of 820
Ω can be used in the case of a
5V power supply.
The input provides a high pass filter with a break
frequency below 10Hz which is necessary to re-
move the original 0 volt DC component of the input
signal, and to fix it at +VCC/2.
CHANNEL SEPARATION - CROSSTALK
The following figure shows the crosstalk from an
amplifier to a second amplifier. This phenomenon,
accentuated at high frequencies, is unavoidable
and intrinsic to the circuit.
Nevertheless, the PCB layout also has an effect
on the crosstalk level. Capacitive coupling be-
tween signal wires, distance between critical sig-
nal nodes and power supply bypassing are the
most significant factors.
Figure 65: Crosstalk vs. Frequency
AV=+4, Rfb=620Ω, VCC=±6V, Vout=2Vp
CHOICE OF THE FEEDBACK CIRCUIT
Table 1: Closed-Loop Gain - Feedback Compo-
nents
INVERTING AMPLIFIER BIASING
In this case a resistance R is necessary to achieve
good input biasing, see Figure 66.
This resistance is calculated by assuming the neg-
ative and positive input bias current. The aim is to
compensate for the offset bias current which could
affect the input offset voltage and the output DC
component. Assuming Ib-, Ib+, Rin, Rfb and a zero
volt output, the resistance R comes: R = Rin // Rfb .
Figure 66: Compensation of the Input Bias
Current
10k
100k
1M
10M
-130
-120
-110
-100
-90
-80
-70
-60
-50
Frequency (Hz)
V
CC (V)
Gain
R
fb (Ω)
±6
+1
750
+2
680
+4
620
+8
510
-1
680
-2
680
-4
620
-8
510
±2.5
+1
1.1k
+2
1k
+4
910
+8
680
-1
1k
-2
1k
-4
910
-8
680
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS616
+
_
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS616
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com