Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS635 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS635
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS635 Datasheet(HTML) 4 Page - STMicroelectronics

  TS635 Datasheet HTML 1Page - STMicroelectronics TS635 Datasheet HTML 2Page - STMicroelectronics TS635 Datasheet HTML 3Page - STMicroelectronics TS635 Datasheet HTML 4Page - STMicroelectronics TS635 Datasheet HTML 5Page - STMicroelectronics TS635 Datasheet HTML 6Page - STMicroelectronics TS635 Datasheet HTML 7Page - STMicroelectronics TS635 Datasheet HTML 8Page - STMicroelectronics TS635 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TS635
4/10
INTERMODULATION DISTORTION
The curves shown below are the measurements results of a single operator wired as an adder with a gain
of 15dB.
The operational amplifier is supplied by a symmetric
±6V and is loaded with 25Ω.
Two synthesizers (Rhode & Schwartz SME) generate two frequencies (tones) (70 & 80kHz ; 180 &
280kHz).
An HP3585 spectrum analyzer measures the spurious level at different frequencies.
The curves are traced for different output levels (the value in the X ax is the value of each tone).
The output levels of the two tones are the same.
The generators and spectrum analyzer are phase locked to enhance measurement precision.
3rd ORDER INTERMODULATION
Gain=15dB, Vcc=
±6V, RL=25
, 2 tones 70kHz/
80kHz
3rd ORDER INTERMODULATION
Gain=15dB, Vcc=
±6V, RL=25
, 2 tones 180kHz/
280kHz
1
1,5
2
2,5
3
3,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
230kHz
220kHz
90kHz
60kHz
1
1,522,533,5
4
4,5
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vout peak (V)
80kHz
640kHz
380kHz
740kHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com