Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS635 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS635
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS635 Datasheet(HTML) 1 Page - STMicroelectronics

  TS635 Datasheet HTML 1Page - STMicroelectronics TS635 Datasheet HTML 2Page - STMicroelectronics TS635 Datasheet HTML 3Page - STMicroelectronics TS635 Datasheet HTML 4Page - STMicroelectronics TS635 Datasheet HTML 5Page - STMicroelectronics TS635 Datasheet HTML 6Page - STMicroelectronics TS635 Datasheet HTML 7Page - STMicroelectronics TS635 Datasheet HTML 8Page - STMicroelectronics TS635 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
s LOW NOISE : 3.2nV/
√Hz, 1.5pA/√Hz
s HIGH OUTPUT CURRENT : 160mA min.
s VERY LOW HARMONIC AND INTERMODU-
LATION DISTORTION
s HIGH SLEW RATE : 40V/
µs
s SPECIFIED FOR 25
Ω LOAD
DESCRIPTION
This device is particularly intended for applications
where multiple carriers must be amplified simulta-
neously with very low intermodulation products. It
has been mainly designed to fit with ADSL
chip-set such as ST70134 or ST70135.
The TS635 is a high output current dual operation-
al amplifier, with a large gain-bandwidth product
(130MHz) and capable of driving a 25
Ω load at
12V power supply. The TS635 is fitted out with
Power Down function in order to decrease the
consumption.
The TS635 is housed in a SO8 plastic package
and a SO8 Exposed-Pad plastic package.
APPLICATION
s UPSTREAM line driver for Asymmetric Digital
Subscriber Line (ADSL) (NT).
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
DW = Small Outline Package in Exposed-Pad (SO) - also available in
Tape & Reel (DWT)
PIN CONNECTIONS (top view)
Part
Number
Temperature
Range
Package
DDW
TS635ID
-40, +85°C
TS635IDW
-40, +85°C
D
SO8
(Plastic Micropackage)
DW
SO8 Exposed-Pad
(Plastic Micropackage)
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
+
_
+
_
Cross Section View Showing Exposed-Pad
This pad can be connected to a (-Vcc) copper area on the PCB
TS635
DUAL WIDE BAND OPERATIONAL AMPLIFIER
FOR ADSL LINE INTERFACE
December 2002


Similar Part No. - TS635

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS635 STMICROELECTRONICS-TS635 Datasheet
164Kb / 5P
TS135 thur TS1235 THYRISTORS
May-1984
More results

Similar Description - TS635

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2137 NJRC-NJM2137 Datasheet
165Kb / 3P
ULTRA WIDE BAND, HIGH SLUE RATE DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May-2000
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Rev 1
TS616 STMICROELECTRONICS-TS616 Datasheet
2Mb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS634 STMICROELECTRONICS-TS634 Datasheet
126Kb / 9P
DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Mar-2003
TS636 STMICROELECTRONICS-TS636 Datasheet
121Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
Jan-2001
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com