Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet (PDF) - STMicroelectronics

TS616 Datasheet PDF - STMicroelectronics
Part # TS616
Download  TS616 Download
File Size   2728.26 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT

TS616 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS616 Datasheet PDF - STMicroelectronics

Part # TS616
Download  TS616 Click to download

File Size   2728.26 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT

TS616 Datasheet (HTML) - STMicroelectronics


TS616 Product details

Description
The TS616 is a dual operational amplifier featuring a high output current of 410mA. The drivers can be configured differentially for driving signals in telecommunication systems using multiple carriers. The TS616 is ideally suited for xDSL (High Speed Asymmetrical Digital Subscriber Line) applications. This circuit is capable of driving a 10Ω or 25Ω load at ±2.5V, 5V, ±6V or +12V power supply. The TS616 is able to reach a -3dB bandwidth of 40MHz on 25Ω load with a 12dB gain. This device is designed for high slew rates supporting low harmonic distortion and intermodulation.

Features
■ LOW NOISE : 2.5nV/√Hz
■ HIGH OUTPUT CURRENT : 420mA
■ VERY LOW HARMONIC AND INTERMODULATION DISTORTION
■ HIGH SLEW RATE : 420V/µs
■ -3dB BANDWIDTH : 40MHz@gain=12dB on 25Ω load single ended.
■ 20.7Vp-p DIFFERENTIAL OUTPUT SWING on 50Ω load, 12V power supply
■ CURRENT FEEDBACK STRUCTURE
■ 5V to 12V POWER SUPPLY
■ SPECIFIED FOR 20Ω and 50Ω DIFFERENTIAL LOAD

Applications
■ Line driver for xDSL
■ Multiple Video Line Driver




Similar Part No. - TS616

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS616 STMICROELECTRONICS-TS616 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TS616 STMICROELECTRONICS-TS616 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Techcon Systems Inc.
TS616-HO-LD-PK TECHCON-TS616-HO-LD-PK Datasheet
1Mb / 8P
310 ml Dispensing Tools/Accessories
logo
STMicroelectronics
TS616IDW STMICROELECTRONICS-TS616IDW Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616IDW STMICROELECTRONICS-TS616IDW Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
More results


Similar Description - TS616

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
STMicroelectronics
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May-2000
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Rev 1
TS615 STMICROELECTRONICS-TS615 Datasheet
982Kb / 27P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2002
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
Dec-2004
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
Dual wide band operational amplifier with high output current
16-Apr-2007
TS616 STMICROELECTRONICS-TS616_08 Datasheet
1Mb / 37P
Dual wide band operational amplifier with high output current
26-Sep-2008
logo
Texas Instruments
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com