Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics TS616 Datasheet HTML 10Page - STMicroelectronics TS616 Datasheet HTML 11Page - STMicroelectronics TS616 Datasheet HTML 12Page - STMicroelectronics TS616 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TS616
9/27
Figure 13: Positive Slew Rate
AV=+4, Rfb=910Ω, VCC=±2.5V, RL=10Ω
Figure 14: Negative Slew Rate
AV=+4, Rfb=620Ω, VCC=±6V, RL=25Ω
Figure 15: Negative Slew Rate
AV=+4, Rfb=910Ω, VCC=±2.5V, RL=10Ω
Figure 16: Positive Slew Rate
AV= - 4, Rfb=620Ω, VCC=±6V, RL=25Ω
Figure 17: Positive Slew Rate
AV= - 4, Rfb=910Ω, VCC=±2.5V, RL=10Ω
Figure 18: Negative Slew Rate
AV= - 4, Rfb=620Ω, VCC=±6V, RL=25Ω
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-2
-1
0
1
2
Time (s)
0.0
10.0n
20.0n
30.0n
40.0n
50.0n
-4
-2
0
2
4
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com