Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 3 Page - STMicroelectronics

  TS616 Datasheet HTML 1Page - STMicroelectronics TS616 Datasheet HTML 2Page - STMicroelectronics TS616 Datasheet HTML 3Page - STMicroelectronics TS616 Datasheet HTML 4Page - STMicroelectronics TS616 Datasheet HTML 5Page - STMicroelectronics TS616 Datasheet HTML 6Page - STMicroelectronics TS616 Datasheet HTML 7Page - STMicroelectronics TS616 Datasheet HTML 8Page - STMicroelectronics TS616 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TS616
3/27
ELECTRICAL CHARACTERISTICS
V
CC = ±6Volts, Rfb=910Ω,Tamb = 25°C (unless otherwise specified)
Note: As described on page 24 (table 71), the TS616 requires a 620
Ω feedback resistor for an optimized bandwidth with a gain of 12B for
a 12V power supply. Nevertheless, due to production test constraints, the TS616 is tested with the same feedback resistor for 12V and 5V
power supplies (910
Ω).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DC PERFORMANCE
Vio
Input Offset Voltage
Tamb
1
3.5
mV
Tmin. < Tamb < Tmax.
1.6
∆V
io
Differential Input Offset Voltage
Tamb = 25°C
2.5
mV
Iib+
Positive Input Bias Current
Tamb
530
µA
Tmin. < Tamb < Tmax.
7.2
Iib-
Negative Input Bias Current
Tamb
315
µA
Tmin. < Tamb < Tmax.
3.1
ZIN+
Input(+) Impedance
82
k
Ω
ZIN-
Input(-) Impedance
54
Ω
CIN+
Input(+) Capacitance
1
pF
CMR
Common Mode Rejection Ratio
20 log (
∆V
ic/∆Vio)
∆V
ic = ±4.5V
58
64
dB
Tmin. < Tamb < Tmax.
62
SVR
Supply Voltage Rejection Ratio
20 log (
∆V
cc/∆Vio)
∆V
cc=±2.5V to ±6V
72
81
dB
Tmin. < Tamb < Tmax.
80
ICC
Total Supply Current per Operator
No load
13.5
17
mA
DYNAMIC PERFORMANCE and OUTPUT CHARACTERISTIC
ROL
Open Loop Transimpedance
Vout = 7Vp-p, RL = 25Ω
5
13.5
M
Ω
Tmin. < Tamb. < Tmax.
5.7
BW
-3dB Bandwidth
Small Signal Vout<20mVp
AV = 12dB, RL = 25Ω
25
40
MHz
Full Power Bandwidth
Large Signal Vout=3Vp
AV = 12dB, RL = 25Ω
26
Gain Flatness @ 0.1dB
Small Signal Vout<20mVp
AV = 12dB, RL = 25Ω
7
MHz
Tr
Rise Time
Vout = 6Vp-p, AV = 12dB, RL
= 25
Ω
10.6
ns
Tf
Fall Time
Vout = 6Vp-p, AV = 12dB, RL
= 25
Ω
12.2
ns
Ts
Settling Time
Vout = 6Vp-p, AV = 12dB, RL
= 25
Ω
50
ns
SR
Slew Rate
Vout = 6Vp-p, AV = 12dB, RL
= 25
Ω
330
420
V/
µs
VOH
High Level Output Voltage
RL=25Ω Connected to GND
4.8
5.05
V
VOL
Low Level Output Voltage
RL=25Ω Connected to GND
-5.3
-5.1
V
Iout
Output Sink Current
Vout = -4Vp
-320
-490
mA
Tmin. < Tamb < Tmax.
-395
Output Source Current
Vout = +4Vp
330
420
Tmin. < Tamb < Tmax.
370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com