Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS616 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TS616
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 14Page - STMicroelectronics TS616 Datasheet HTML 15Page - STMicroelectronics TS616 Datasheet HTML 16Page - STMicroelectronics TS616 Datasheet HTML 17Page - STMicroelectronics TS616 Datasheet HTML 18Page - STMicroelectronics TS616 Datasheet HTML 19Page - STMicroelectronics TS616 Datasheet HTML 20Page - STMicroelectronics TS616 Datasheet HTML 21Page - STMicroelectronics TS616 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
TS616
18/27
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
In the ADSL frequency range, printed circuit board
parasites can affect the closed-loop performance.
The implementation of a proper ground plane on
both sides of the PCB is mandatory to provide low
inductance and low resistance common return.
The most important factors affecting gain flatness
and bandwidth are stray capacitances at the out-
put and inverting input. To minimize these capaci-
tances, the space between signal lines and
ground plane should be increased. Feedback
components connections must be as short as pos-
sible in order to decrease the associated induc-
tance which affects high frequency gain errors. It
is very important to choose the smallest possible
external
components,
for
example,
surface
mounted devices (SMD) in order to minimize the
size of all DC and AC connections.
THERMAL INFORMATION
The TS616 is housed in an Exposed-Pad plastic
package. As depicted in figure 55, this package
uses a lead frame upon which the die is mounted.
This lead frame is exposed as a thermal pad on
the underside of the package. The thermal contact
is direct with the dice. This thermal path provides
excellent colling.
The thermal pad is electrically isolated from all
pins in the package. It should be soldered to a
copper area of the PCB underneath the package.
Through these thermal paths within this copper ar-
ea, heat can be conducted away from the pack-
age. In this case, the copper area should be con-
nected to (-VCC).
Figure 55: Exposed-Pad Package
Figure 56: Evaluation Board
Cross Section View
Bottom View
Side View
DICE
1
Cross Section View
Bottom View
Side View
DICE
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com